Electronic Components Datasheet Search
  English  ▼

X  

PAC5250 Datasheet(PDF) 49 Page - Active-Semi, Inc

Part # PAC5250
Description  Power Application Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5250 Datasheet(HTML) 49 Page - Active-Semi, Inc

Back Button PAC5250 Datasheet HTML 45Page - Active-Semi, Inc PAC5250 Datasheet HTML 46Page - Active-Semi, Inc PAC5250 Datasheet HTML 47Page - Active-Semi, Inc PAC5250 Datasheet HTML 48Page - Active-Semi, Inc PAC5250 Datasheet HTML 49Page - Active-Semi, Inc PAC5250 Datasheet HTML 50Page - Active-Semi, Inc PAC5250 Datasheet HTML 51Page - Active-Semi, Inc PAC5250 Datasheet HTML 52Page - Active-Semi, Inc PAC5250 Datasheet HTML 53Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
PAC5250
Power Application Controller
14.4. Electrical Characteristics
Table 28. Memory System Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, VCC18 = 1.8V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
Embedded FLASH
tREAD;FLASH
FLASH read time
40
ns
tWRITE;FLASH
FLASH write time
20
μs
tPERASE;FLASH
FLASH page erase time
10
ms
NPERASE;FLASH FLASH program/erase cycles
100k
cycles
tDR;FLASH
FLASH data retention
10
years
SRAM
tSRAM
SRAM access cycle time
20
ns
- 49 -
Rev 1.6‒January 28, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com