Electronic Components Datasheet Search
  English  ▼

X  

PAC5250 Datasheet(PDF) 46 Page - Active-Semi, Inc

Part # PAC5250
Description  Power Application Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5250 Datasheet(HTML) 46 Page - Active-Semi, Inc

Back Button PAC5250 Datasheet HTML 42Page - Active-Semi, Inc PAC5250 Datasheet HTML 43Page - Active-Semi, Inc PAC5250 Datasheet HTML 44Page - Active-Semi, Inc PAC5250 Datasheet HTML 45Page - Active-Semi, Inc PAC5250 Datasheet HTML 46Page - Active-Semi, Inc PAC5250 Datasheet HTML 47Page - Active-Semi, Inc PAC5250 Datasheet HTML 48Page - Active-Semi, Inc PAC5250 Datasheet HTML 49Page - Active-Semi, Inc PAC5250 Datasheet HTML 50Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
PAC5250
Power Application Controller
13. ADC WITH AUTO-SAMPLING SEQUENCER
13.1. Block Diagram
13.2. Functional Description
13.2.1. ADC
The analog-to-digital converter (ADC) is a 10-bit succesive approximation register (SAR) ADC with 1 μs conversion
time and up to 1MSPS capability. The ADC input clock has a user-configurable divider from /1 to /8 of the system clock.
The integrated analog multiplexer allows selection from up to 6 direct ADx inputs, and from up to 10 analog inputs signals
in the Configurable Analog Front End (CAFE), including up to 3 differential input pairs. The ADC can be configured for
repeating or non-repeating conversions and can interrupt the microcontroller when a conversion is finished.
13.2.2. Auto-Sampling Sequencer
Two independent and flexible auto-sampling sequencer state machines allow signal sampling using the ADC without
interaction from microcontroller core. Each auto-sampling sequencer state machine can be programmed to take and store up
to 8 samples each in the ADC result register from different analog inputs, able to control the ADC MUX and ADC Premux
as well as the precise timing of the S/H in the Configurable analog front end. The sampling start of the auto-sampling
sequencer can be precisely triggered using timers A, B, C, or D or any of their associated PWM edges (high-to-low or low-
to-high). It also supports manual start or a ping-pong-scheme, where one auto-sampling sequencer state machine triggers
the other when it finishes sampling.
The auto-sampling sequencer can interrupt the microcontroller when either conversion sequence is finished.
- 46 -
Rev 1.6‒January 28, 2016
Figure 13-1. ADC with Auto-Sampling Sequencer
ADC
ADC WITH AUTO-SAMPLING SEQUENCER
ADx
V
TEMP
, V
MON
, V
REF
/2
REGISTER
EMUX
S/H
10-BIT
ADC
DAxP
DAxN
DIFFERENTIAL PGA
DIFF-PGA
CONFIGURABLE ANALOG FRONT END
AUTO-SAMPLING
SEQUENCER
ADC RESULT REGISTERS
(16)
EMUX CONTROL
STATE MACHINE 1
STATE MACHINE 0
REGISTER
REGISTER
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com