Electronic Components Datasheet Search
  English  ▼

X  

PAC5250 Datasheet(PDF) 63 Page - Active-Semi, Inc

Part # PAC5250
Description  Power Application Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5250 Datasheet(HTML) 63 Page - Active-Semi, Inc

Back Button PAC5250 Datasheet HTML 59Page - Active-Semi, Inc PAC5250 Datasheet HTML 60Page - Active-Semi, Inc PAC5250 Datasheet HTML 61Page - Active-Semi, Inc PAC5250 Datasheet HTML 62Page - Active-Semi, Inc PAC5250 Datasheet HTML 63Page - Active-Semi, Inc PAC5250 Datasheet HTML 64Page - Active-Semi, Inc PAC5250 Datasheet HTML 65Page - Active-Semi, Inc PAC5250 Datasheet HTML 66Page - Active-Semi, Inc PAC5250 Datasheet HTML 67Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
PAC5250
Power Application Controller
19.2. Functional Description
The device includes 9 timers: timer A, timer B, timer C, timer D, watchdog timer 1 (WDT), watchdog timer 2, wake-up
timer, real-time clock (RTC), and SysTick timer. The device supports up to 14 different PWM signals and has up to 7 dead-
time controllers. Timers A, B, C and D can be concatenated to synchronize to a single clock and start/stop signal for
applications that require a synchronized timer period between timers.
19.2.1. Timer A
Timer A is a general purpose 16-bit timer with 8 PWM/capture and compare units. It has 4 pairs of PWM signals going into
4 dead-time controllers. Timer A can be concatenated with timers B, C, and D to synchronize the PWM/capture and
compare units. It can use either ACLK or HCLK as clock input with an additional clock divider from /1 to /128.
19.2.2. Timer B
Timer B is a general purpose 16-bit timer with 2 PWM/capture and compare units. It has one pair of PWM signals going
into one dead-time controller, as well as 2 additional compare units that can be used for additional system time bases for
interrupts. Timer B can be concatenated with timers A, C, and D to synchronize the PWM/capture and compare units. It can
use either ACLK or HCLK as clock input with an additional clock divider from /1 to /128.
19.2.3. Timer C
Timer C is a general purpose 16-bit timer with 2 PWM/capture and compare units. It has one pair of PWM signals going
into one dead-time controller. Timer C can be concatenated with timers A, B, and D to synchronize the PWM/capture and
compare units. It can use either ACLK or HCLK as clock input with an additional clock divider from /1 to /128.
- 63 -
Rev 1.6‒January 28, 2016
Figure 19-2. SOC Bus Watchdog and Wake-Up Timer
SOC BUS
WATCHDOG
WAKE-UP
TIMER
SOC
SOC BUS
SOC BUS WATCHDOG AND WAKE-UP TIMER
Figure 19-3. Real-Time Clock and Watchdog Timer
WDT
24-BIT
RTC
24-BIT
REAL-TIME CLOCK AND WATCHDOG TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com