Electronic Components Datasheet Search
  English  ▼

X  

PEB2255 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # PEB2255
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2255 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button PEB2255 Datasheet HTML 45Page - Infineon Technologies AG PEB2255 Datasheet HTML 46Page - Infineon Technologies AG PEB2255 Datasheet HTML 47Page - Infineon Technologies AG PEB2255 Datasheet HTML 48Page - Infineon Technologies AG PEB2255 Datasheet HTML 49Page - Infineon Technologies AG PEB2255 Datasheet HTML 50Page - Infineon Technologies AG PEB2255 Datasheet HTML 51Page - Infineon Technologies AG PEB2255 Datasheet HTML 52Page - Infineon Technologies AG PEB2255 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 374 page
background image
PEB 2255
FALC-LH V1.3
Functional Description E1/T1/J1
Data Sheet
49
2000-07
3.3.1.2
FIFO Structure
In transmit and receive direction of the signaling controller 64-byte deep FIFOs are
provided for the intermediate storage of data between the system internal highway and
the CPU interface. The FIFOs are divided into two halves of 32-bytes. Only one half is
accessible to the CPU at any time.
In case 16-bit data bus width is selected by fixing pin DBW to logical ‘1’ word access to
the FIFOs is enabled. Data output to bus lines D0-D15 as a function of the selected
interfacemodeisshownin Figure 7 and Figure 8. Of course, byte access is also
allowed. The effective length of the accessible part of RFIFO can be changed from
32 bytes (RESET value) down to 2 bytes by programming CCR1.RFT1...0.
Figure 7
FIFO Word Access (Intel Mode)
32
1
32
RFIFO
Byte 4
Byte 3
Byte 2
Byte 1
1
2
3
4
D15
D8 D7
D0
D0
D7
D8
D15
4
3
2
1
Byte 1
Byte 2
Byte 3
Byte 4
XFIFO
32
1
32
ITD01798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com