| Electronic Components Datasheet Search |
|
PEB2255 Datasheet(PDF) 94 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEB2255 Datasheet(HTML) 94 Page - Infineon Technologies AG |
|
94 / 374 page ![]() PEB 2255 FALC-LH V1.3 Functional Description E1 Data Sheet 94 2000-07 4.5.2 Auto Modes • Automatic remote alarm access If the receiver has lost its synchronization a remote alarm can be sent automatically, if enabled by bit FMR2.AXRA to the distant end. The remote alarm bit is set automatically in the outgoing data stream if the receiver is in asynchronous state (FRS0.LFA bit is set). In synchronous state the remote alarm bit is removed. • Automatic E bit access By setting bit XSP.AXS status information of received submultiframes is automatically inserted in E-bit position of the outgoing CRC Multiframe without any further interventions of the microprocessor. • Automatic AIS to system interface In asynchronous state the synchronizer enforces automatically an AIS to the receive system interface. However, received data can be transparently switched through if bit FMR2.DAIS is set. Remote Alarm in time slot 16 (TS16RA) Y-bit = 1receivedinCAS multiframe alignment word Y-bit = 0receivedinCAS multiframe alignment word Loss of Signal in time slot 16 (TS16LOS) all zeros for at least 16 consecutively received time slots 16 receiving a one in time slot 16 Alarm Indication Signal in time slot 16 (TS16AIS) time slot 16 containing less than 4 zeros in each of two consecutive CAS multiframes periods time slot 16 containing more than 3 zeros in each of two consecutive CAS multiframes periods Transmit Line Short (XLS) If XL1 and XL2 are shortened for at least 32 pulses; pins XL1 and XL2 are forced into a high impedance state automatically, if bit XPM2.DAXLT is reset. After 32 consecutive pulse periods the outputs XL1/2 are activated again and the internal transmit current limiter is checked. If a short between XL1/ 2 is still existing, the outputs XL1/ 2 are switched into high impedance state again. When the short disappears pins XL1/2 are activated automatically. Transmit Ones Density (XLO) 32 consecutive zeros in the transmit data stream on XL1/2 Cleared with each transmitted pulse Table 21 Summary of Alarm Detection and Release (E1) (cont’d) Alarm Detection Condition Clear Condition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |