Electronic Components Datasheet Search
  English  ▼

X  

PEB2255 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # PEB2255
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2255 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button PEB2255 Datasheet HTML 9Page - Infineon Technologies AG PEB2255 Datasheet HTML 10Page - Infineon Technologies AG PEB2255 Datasheet HTML 11Page - Infineon Technologies AG PEB2255 Datasheet HTML 12Page - Infineon Technologies AG PEB2255 Datasheet HTML 13Page - Infineon Technologies AG PEB2255 Datasheet HTML 14Page - Infineon Technologies AG PEB2255 Datasheet HTML 15Page - Infineon Technologies AG PEB2255 Datasheet HTML 16Page - Infineon Technologies AG PEB2255 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 374 page
background image
PEB 2255
FALC-LH V1.3
List of Figures
Page
Data Sheet
13
2000-07
Figure 1
Logic Symbol ...... ..... ...... ..... ...... ...... ..... ..... 21
Figure 2
Multiple E1/T1/J1 Link over Frame Relay ...... ...... ..... ..... 22
Figure 3
8 Channel E1/T1/J1 Interface to the ATM Layer . ...... ..... ..... 23
Figure 4
Multiple FALC Clocking Options . . ..... ...... ...... ..... ..... 23
Figure 5
Pin Configuration ... ..... ...... ..... ...... ...... ..... ..... 24
Figure 6
Block Diagram ..... ..... ...... ..... ...... ...... ..... ..... 46
Figure 7
FIFO Word Access (Intel Mode) . . ..... ...... ...... ..... ..... 49
Figure 8
FIFO Word Access (Motorola Mode) .... ...... ...... ..... ..... 50
Figure 9
Interrupt Status Registers . ...... ..... ...... ...... ..... ..... 51
Figure 10
Block Diagram of Test Access Port and Boundary Scan . ..... ..... 53
Figure 11
Receive Clock System (E1) ...... ..... ...... ...... ..... ..... 54
Figure 12
ReceiverConfiguration (E1)...... ..... ...... ...... ..... ..... 56
Figure 13
JitterAttenuation Performance (E1)..... ...... ...... ..... ..... 59
Figure 14
JitterTolerance (E1) ..... ...... ..... ...... ...... ..... ..... 60
Figure 15
TransmitClock System (E1) ..... ..... ...... ...... ..... ..... 62
Figure 16
The Receive Elastic Buffer as Circularly Organized Memory . . ..... 65
Figure 17
2.048 MHz Receive Signaling Highway (E1) .... ...... ..... ..... 68
Figure 18
System Interface (E1) .... ...... ..... ...... ...... ..... ..... 70
Figure 19
Receive System Interface Clocking (E1). ...... ...... ..... ..... 71
Figure 20
Transmit System Interface Clocking: 2.048 MHz (E1) ... ..... ..... 74
Figure 21
Transmit System Interface Clocking: 8.192MHz/4.096 Mbit/s (E1)... 75
Figure 22
2.048 MHz TransmitSignaling Highway (E1) ... ...... ..... ..... 77
Figure 23
Transmitter Configuration (E1).... ..... ...... ...... ..... ..... 79
Figure 24
TransmitLine MonitorConfiguration (E1) ...... ...... ..... ..... 81
Figure 25
Data Flow in Transparent Mode ... ..... ...... ...... ..... ..... 84
Figure 26
CRC4 Multiframe AlignmentRecovery Algorithms ..... ..... ..... 92
Figure 27
Remote Loop (E1) . . ..... ...... ..... ...... ...... ..... ..... 97
Figure 28
Payload Loop (E1) . . ..... ...... ..... ...... ...... ..... ..... 98
Figure 29
Local Loop (E1) .... ..... ...... ..... ...... ...... ..... ..... 99
Figure 30
Single Channel Loopback (E1) . . . ..... ...... ...... ..... .... 100
Figure 31
Receive Clock System (T1/J1).... ..... ...... ...... ..... .... 102
Figure 32
ReceiverConfiguration (T1/J1) ... ..... ...... ...... ..... .... 104
Figure 33
JitterAttenuation Performance (T1/J1) .. ...... ...... ..... .... 107
Figure 34
JitterTolerance (T1/J1) ... ...... ..... ...... ...... ..... .... 108
Figure 35
TransmitClock System (T1/J1) ... ..... ...... ...... ..... .... 110
Figure 36
The Receive Elastic Buffer as Circularly Organized Memory . . .... 113
Figure 37
System Interface (T1/J1) . . ...... ..... ...... ...... ..... .... 118
Figure 38
Receive System Interface Clocking (T1/J1) ..... ...... ..... .... 119
Figure 39
2.048 Mbit/s Receive Signaling Highway (T1/J1) ...... ..... .... 120
Figure 401.544 Mbit/s Receive Signaling Highway (T1/J1) ...... ..... .... 120
Figure 41
Receive FS/DL Bits in Time Slot0 on RDO (T1/J1)..... ..... .... 122
Figure 42
Transmit System Interface Clocking: 1.544 MHz (T1/J1). ..... .... 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com