Electronic Components Datasheet Search
  English  ▼

X  

PEB20321 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # PEB20321
Description  Multichannel Network Interface Controller for HDLC
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20321 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button PEB20321 Datasheet HTML 30Page - Infineon Technologies AG PEB20321 Datasheet HTML 31Page - Infineon Technologies AG PEB20321 Datasheet HTML 32Page - Infineon Technologies AG PEB20321 Datasheet HTML 33Page - Infineon Technologies AG PEB20321 Datasheet HTML 34Page - Infineon Technologies AG PEB20321 Datasheet HTML 35Page - Infineon Technologies AG PEB20321 Datasheet HTML 36Page - Infineon Technologies AG PEB20321 Datasheet HTML 37Page - Infineon Technologies AG PEB20321 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 366 page
background image
PEB 20321
PEF 20321
Overview
Data Sheet
34
2001-02-14
77
LCSI
I
LBI Chip Select Input
Used to select MUNICH32X as LBI
Slave.
A Pull-Up resistor to VDD3 is
recommended if LBI is not used.
75
LALE
O
LBI Address Latch Enable
A Pull-Down resistor to VSS is
recommended if LBI is not used.
67
LRD
I/O
LBI Read Strobe
A Pull-Up resistor to VDD3 is
recommended if LBI is not used.
68
LWR
I/O
LBI Write Strobe
A Pull-Up resistor to VDD3 is
recommended if LBI is not used.
71
LBHE
I/O
LBI Byte High Enable
A Pull-Up resistor to VDD3 is
recommended if LBI is not used.
66
LRDY
I/O
LBI Ready Strobe to Extend Cycles
A Pull-Up resistor to VDD3 is
recommended if LBI is not used.
73
LINTI1
I
LBI Interrupt Input from Peripheral1
In case of bit HE1 in register LCONF is
set (HSCX register decoding selected)
this pin must be connected to VDD3 if
unused.
In case of bit HE1 in register LCONF is
reset (ESCC2 register decoding
selected) this pin must be connected
to VSS if unused.
Table 3
Local Bus Interface (LBI) Pins (cont’d)
Pin No.
Symbol
I/O
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com