Electronic Components Datasheet Search
  English  ▼

X  

PEB20321 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # PEB20321
Description  Multichannel Network Interface Controller for HDLC
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20321 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button PEB20321 Datasheet HTML 45Page - Infineon Technologies AG PEB20321 Datasheet HTML 46Page - Infineon Technologies AG PEB20321 Datasheet HTML 47Page - Infineon Technologies AG PEB20321 Datasheet HTML 48Page - Infineon Technologies AG PEB20321 Datasheet HTML 49Page - Infineon Technologies AG PEB20321 Datasheet HTML 50Page - Infineon Technologies AG PEB20321 Datasheet HTML 51Page - Infineon Technologies AG PEB20321 Datasheet HTML 52Page - Infineon Technologies AG PEB20321 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 366 page
background image
PEB 20321
PEF 20321
Serial PCM Core
Data Sheet
49
2001-02-14
Note 11:TSP and RSP must have one single rising and falling edge during a
125
µs PCM frame.
Figure 7
T1/DS1 Mode PCM Frame Timing 1.536 MHz
Note 1: A
box in a bit of the RXD line means that this bit is ignored.
ITD10407
T1/DS1 - Mode Receive Frame Timing
1 1 0 1 0 1 1 0
Fill/Mask : Slot 0
Fill/Mask : Slot 0
1 0 0 1 1 0 0 0
T1/DS1 - Mode Transmit Frame Timing
TXCLK
TSP
TXD
FILL/MASK
0
SLOT 23
SLOT 1
SLOT 0
125 µs
PCM - Frame
SLOT 0
SLOT 1
SLOT 23
12 3 4 5 6 7 0 12 3 4 5 6 7
7
0
12
3
4
5
6
7
SLOT 23
FILL/MASK
RXD
RSP
RXCLK
DATA
DATA
DATA
DATA
DATA
DATA
6
6
7
6
5
4
3
2
1
0
7
SLOT 1
SLOT 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com