Electronic Components Datasheet Search
  English  ▼

X  

PEB20321 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # PEB20321
Description  Multichannel Network Interface Controller for HDLC
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20321 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button PEB20321 Datasheet HTML 87Page - Infineon Technologies AG PEB20321 Datasheet HTML 88Page - Infineon Technologies AG PEB20321 Datasheet HTML 89Page - Infineon Technologies AG PEB20321 Datasheet HTML 90Page - Infineon Technologies AG PEB20321 Datasheet HTML 91Page - Infineon Technologies AG PEB20321 Datasheet HTML 92Page - Infineon Technologies AG PEB20321 Datasheet HTML 93Page - Infineon Technologies AG PEB20321 Datasheet HTML 94Page - Infineon Technologies AG PEB20321 Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 366 page
background image
PEB 20321
PEF 20321
Detailed Protocol Description
Data Sheet
91
2001-02-14
ERR: issued if one of the following error conditions has occurred:
– FCS was incorrect
– the bit length was greater than MFL
– the frame was stopped by 7FH
– the frame could only be partly stored because of internal buffer overflow of RB
– a fast receive abort channel command was issued
– a receive abort channel command was detected during reception of a frame
– a frame could only be partly transferred to the shared memory because of a
receive descriptor with HOLD bit set
(maskable by RE in the channel spec.)
FO:
issued if due to inaccessibility of internal buffer RB
– one ore more complete frames have been lost
– one ore more changes of interframe time-fill state were lost
(maskable by RE in the channel spec.)
Note that all receive interrupts are maskable by setting the bit field RID in MODE1
register.
Example:
HDLC channel with
CS = 1
(FCS transferred to shared memory)
INV = 0
(no inversion)
CRC = 1
(CRC 32)
TRV = 00
(required as unused in HDLC mode)
FA = x
(irrelevant in Rx direction)
MODE = 11
(HDLC)
IFTF = x
(irrelevant in Rx direction)
Big Endian Data Format
Channel No. 1D
MFL = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com