Electronic Components Datasheet Search
  English  ▼

X  

PEB20321 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # PEB20321
Description  Multichannel Network Interface Controller for HDLC
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20321 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button PEB20321 Datasheet HTML 59Page - Infineon Technologies AG PEB20321 Datasheet HTML 60Page - Infineon Technologies AG PEB20321 Datasheet HTML 61Page - Infineon Technologies AG PEB20321 Datasheet HTML 62Page - Infineon Technologies AG PEB20321 Datasheet HTML 63Page - Infineon Technologies AG PEB20321 Datasheet HTML 64Page - Infineon Technologies AG PEB20321 Datasheet HTML 65Page - Infineon Technologies AG PEB20321 Datasheet HTML 66Page - Infineon Technologies AG PEB20321 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 366 page
background image
PEB 20321
PEF 20321
Basic Functional Principles
Data Sheet
63
2001-02-14
Fixed Size Frame Oriented Protocols (V110/X.30)
Normal operation, E, S, X change (indicated by the V.110-bit in the transmit descriptor)
Example for TRV = ‘11’
Note: 1. FNUM must be 0 for all transmit descriptors.
2. The actual E-, S-, X-bits have to be in the first transmit descriptor after reset.
3. As shown in the example the contiguous parts of a data section belonging to
one descriptor are sent in contiguous frames (DATA 1(1) are the bytes 0 – 3 of
DATA 1, DATA 1(2) are the bytes 4 – 7 of DATA 1). If the end of a data section
is reached within a frame, the frame is continued with data from the next data
section
belonging
to
a
transmit
descriptor
with
the
bit
V.110 = 0
(DATA 2(2) = byte 4 of DATA 2, DATA 3(1) =byte 0 – 2 of DATA 3).
4. The E-, S-, X-bits are only changed from one frame to the next not within a
frame. The change occurs in the first frame which does not contain data of the
previous data section.
5. Neither FE nor HOLD may be set to 1 during a normal operation of the mode.
They both lead to an abort of the serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com