Electronic Components Datasheet Search
  English  ▼

X  

PEB20321 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # PEB20321
Description  Multichannel Network Interface Controller for HDLC
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20321 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button PEB20321 Datasheet HTML 24Page - Infineon Technologies AG PEB20321 Datasheet HTML 25Page - Infineon Technologies AG PEB20321 Datasheet HTML 26Page - Infineon Technologies AG PEB20321 Datasheet HTML 27Page - Infineon Technologies AG PEB20321 Datasheet HTML 28Page - Infineon Technologies AG PEB20321 Datasheet HTML 29Page - Infineon Technologies AG PEB20321 Datasheet HTML 30Page - Infineon Technologies AG PEB20321 Datasheet HTML 31Page - Infineon Technologies AG PEB20321 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 366 page
background image
PEB 20321
PEF 20321
Overview
Data Sheet
28
2001-02-14
9STOP
s/t/s
STOP
STOP is used by a slave to request the
current master to stop the current bus
transaction.
When MUNICH32X is Master, STOP is
an input.
When MUNICH32X is Slave, STOP is an
output.
STOP is updated and sampled on the
rising edge of CLK.
151
IDSEL
I
Initialization Device Select
When MUNICH32X is slave in a
transaction, if IDSEL is active in the
address phase and C/BE(3:0) indicates
an I/O read or write, the MUNICH32X
assumes a read or write to a
configuration register. In response, the
MUNICH32X asserts DEVSEL during the
subsequent CLK cycle.
IDSEL is sampled on the rising edge of
CLK.
8
DEVSEL
s/t/s
Device Select
When activated by a slave, it indicates to
the current bus master that the slave has
decoded its address as the target of the
current transaction. If no bus slave
activates DEVSEL within six bus CLK
cycles, the master should abort the
transaction.
When MUNICH32X is master, DEVSEL
is input. If DEVSEL is not activated within
six clock cycles after an address is output
on AD(31:0), the MUNICH32X aborts the
transaction and generates an INTA.
When MUNICH32X is slave, DEVSEL is
output.
Table 1
PCI Bus Interface Pins (cont’d)
Pin No.
Symbol
I/O
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com