Electronic Components Datasheet Search
  English  ▼

X  

GS1660 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS1660
Description  HD/SD SDI Receiver Complete with SMPTE Video Processing
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1660 Datasheet(HTML) 1 Page - Semtech Corporation

  GS1660 Datasheet HTML 1Page - Semtech Corporation GS1660 Datasheet HTML 2Page - Semtech Corporation GS1660 Datasheet HTML 3Page - Semtech Corporation GS1660 Datasheet HTML 4Page - Semtech Corporation GS1660 Datasheet HTML 5Page - Semtech Corporation GS1660 Datasheet HTML 6Page - Semtech Corporation GS1660 Datasheet HTML 7Page - Semtech Corporation GS1660 Datasheet HTML 8Page - Semtech Corporation GS1660 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
1 of 82
GS1660 HD/SD SDI Receiver
Data Sheet
53834 - 2
September 2012
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660
www.semtech.com
Key Features
• Operation at 1.485Gb/s, 1.485/1.001Gb/s and 270Mb/s
• Supports SMPTE 292, SMPTE 259M-C and DVB-ASI
• Integrated Reclocker with low phase noise integrated
VCO
• Serial digital reclocked, or non-reclocked output
• Ancillary data extraction
• Parallel data bus selectable as either 20-bit or 10-bit
• Comprehensive error detection and correction
features
• Output H, V, F or CEA 861 Timing Signals
• 1.2V digital core power supply, 1.2V and 3.3V analog
power supplies, and selectable 1.8V or 3.3V I/O power
supply
• GSPI Host Interface
• -20ºC to +85ºC operating temperature range
• Low power operation (typically 280mW)
• Small 11mm x 11mm 100-ball BGA package
• Pb-free and RoHS compliant
Errata
Refer to Errata document entitled GS1660/GS1661 Errata
for this device (document number 53877).
Applications
Description
The GS1660 is a multi-rate SDI Receiver which includes
complete SMPTE processing, as per 292M and SMPTE
259M-C. The SMPTE processing features can be bypassed to
support signals with other coding schemes.
The device features an integrated Reclocker with an
internal VCO and a wide Input Jitter Tolerance (IJT) of
0.7UI.
A serial digital loop through output is provided, which can
be configured to output either reclocked or non-reclocked
serial digital data. The Serial Digital Output can be
connected to an external Cable Driver.
The device operates in one of four basic modes: SMPTE
mode, DVB-ASI mode, Data-Through mode or Standby
mode.
In SMPTE mode, the GS1660 performs SMPTE
de-scrambling and NRZI to NRZ decoding and word
alignment. Line-based CRC errors, line number errors, TRS
errors and ancillary data check sum errors can all be
detected. The GS1660 also provides ancillary data
extraction. The entire ancillary data packet is extracted,
and written to host-accessible registers. Other processing
functions include H:V:F timing extraction, Luma and
Chroma ancillary data indication, video standard
detection, and SMPTE 352M packet detection and
decoding. All of the processing features are optional and
may be enabled or disabled via the Host Interface.
In DVB-ASI mode, 8b/10b decoding is applied to the
received data stream.
In Data-Through mode, all forms of SMPTE and DVB-ASI
decoding are disabled, and the device can be used as a
simple serial to parallel converter.
The device can also be placed in a lower power Standby
mode. In this mode, no signal processing is carried out and
the parallel output is held static.
Parallel data outputs are provided in 20-bit or 10-bit
multiplexed format for HD and SD video rates. The
associated Parallel Clock input signal operates at 148.5 or
Application: Dual Link (HD-SDI)
to Single Link (3G-SDI) Converter
HD-SDI
Deserializer
GS1660
Link A
FIFO
WR
Link B
FIFO
WR
GS2962
GS4910
10-bit
3G-SDI
HV F
XTAL
HV F/PCLK
HV F/PCLK
HV F/PCLK
10-bit
10-bit
10-bit
HD-SDI
HD-SDI
EQ
(GS1574A
or GS2984)
EQ
(GS1574A
or GS2984)
HD-SDI
Deserializer
GS1660


Similar Part No. - GS1660

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1660A GENNUM-GS1660A Datasheet
6Mb / 83P
Ancillary data extraction
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
More results

Similar Description - GS1660

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1662 SEMTECH-GS1662 Datasheet
2Mb / 73P
HD/SD-SDI Serializer with Complete SMPTE Video Support
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com