Electronic Components Datasheet Search
  English  ▼

X  

GS1660 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS1660
Description  HD/SD SDI Receiver Complete with SMPTE Video Processing
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1660 Datasheet(HTML) 2 Page - Semtech Corporation

  GS1660 Datasheet HTML 1Page - Semtech Corporation GS1660 Datasheet HTML 2Page - Semtech Corporation GS1660 Datasheet HTML 3Page - Semtech Corporation GS1660 Datasheet HTML 4Page - Semtech Corporation GS1660 Datasheet HTML 5Page - Semtech Corporation GS1660 Datasheet HTML 6Page - Semtech Corporation GS1660 Datasheet HTML 7Page - Semtech Corporation GS1660 Datasheet HTML 8Page - Semtech Corporation GS1660 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
GS1660 HD/SD SDI Receiver
Data Sheet
53834 - 2
September 2012
2 of 82
148.5/1.001MHz (HD 10-bit multiplexed modes), 74.25 or
74.25/1.001MHz (for HD 20-bit mode), 27MHz (for SD 10-bit
mode) and 13.5MHz (for SD 20-bit mode).
Functional Block Diagram
GS1660 Functional Block Diagram
Revision History
Buffer
Mux
Reclocker
with
Integrated
VCO
Serial
to
Parallel
Converter
Descramble,
Word Align,
Rate Detect
Flywheel
Video
Standard
Detect
TRS
Detect
Timing
Extraction
Mux
DVB-ASI
Decoder
Illegal code
remap,
TRS/
Line Number/
CRS
Insertion,
EDH Packet
Insertion
ANC/
Checksum
/352M
Extraction
GSPI and
JTAG Controller
Host
Interface
DOUT[19:0]
Output Mux/
Demux
PCLK
Crystal
Buffer/
Oscillator
LF
STAT[5:0]
I/O Control
SDI
TERM
Buffer
SDI
SDO
SDO
VBG
LB_CONT
Version
ECR
PCN
Date
Changes and/or Modifications
2
158468–
September 2012
Changes throughout the document.
1
153472
–
January 2010
Converted to Data Sheet.
0
153079
–
November 2009
New document. Added reference to
GS1660/GS1661 Errata (document
number 53877).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com