Electronic Components Datasheet Search
  English  ▼

X  

GS1660 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS1660
Description  HD/SD SDI Receiver Complete with SMPTE Video Processing
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1660 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS1660 Datasheet HTML 26Page - Semtech Corporation GS1660 Datasheet HTML 27Page - Semtech Corporation GS1660 Datasheet HTML 28Page - Semtech Corporation GS1660 Datasheet HTML 29Page - Semtech Corporation GS1660 Datasheet HTML 30Page - Semtech Corporation GS1660 Datasheet HTML 31Page - Semtech Corporation GS1660 Datasheet HTML 32Page - Semtech Corporation GS1660 Datasheet HTML 33Page - Semtech Corporation GS1660 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
GS1660 HD/SD SDI Receiver
Data Sheet
53834 - 2
September 2012
30 of 82
4.8 Parallel Data Outputs
The parallel data outputs are aligned to the rising edge of the PCLK.
4.8.1 Parallel Data Bus Buffers
The parallel data bus, status signal outputs and control signal input pins are all
connected to high-impedance buffers.
The device supports 1.8 or 3.3V (LVTTL and LVCMOS levels) supplied at the IO_VDD and
IO_GND pins.
All output buffers (including the PCLK output), are set to high-impedance in Reset mode
(RESET_TRST = LOW).
Figure 4-2: PCLK to Data and Control Signal Output Timing - SDR Mode 1
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
dbus
1.000ns
0.400ns
3.700ns
1.400ns
1.000ns
0.400ns
3.700ns
1.400ns
stat
1.000ns
0.500ns
4.100ns
1.600ns
1.000ns
0.400ns
4.400ns
1.500ns
10bHD Mode
3.3V
1.8V
6 pF
15 pF
6 pF
15 pF
I/O Timing Specs:
DBUS[19:10]
PCLK_OUT
Cr0
Y0
Y1
6.734ns (HD 10-bit)
37.037ns (SD 10-bit)
20%
80%
tr
20%
80%
tf
Cb1
10-bit SDR Mode:
toh
tod
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
dbus
19.400ns
0.400ns
22.200ns 1.400ns
19.400ns
0.400ns
22.200ns
1.400ns
stat
19.400ns
0.500ns
22.200ns 1.600ns
19.400ns
0.400ns
22.200ns
1.500ns
10bSD Mode
3.3V
1.8V
6 pF
15 pF
6 pF
15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com