Electronic Components Datasheet Search
  English  ▼

X  

GS1660 Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS1660
Description  HD/SD SDI Receiver Complete with SMPTE Video Processing
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1660 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS1660 Datasheet HTML 18Page - Semtech Corporation GS1660 Datasheet HTML 19Page - Semtech Corporation GS1660 Datasheet HTML 20Page - Semtech Corporation GS1660 Datasheet HTML 21Page - Semtech Corporation GS1660 Datasheet HTML 22Page - Semtech Corporation GS1660 Datasheet HTML 23Page - Semtech Corporation GS1660 Datasheet HTML 24Page - Semtech Corporation GS1660 Datasheet HTML 25Page - Semtech Corporation GS1660 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
GS1660 HD/SD SDI Receiver
Data Sheet
53834 - 2
September 2012
22 of 82
Figure 3-3: Bidirectional Digital Input/Output Pin with programmable drive
strength. These pins are configured to output unless in Reset Mode; in which
case they are high-impedance. The drive strength can be set by writing to
address 06Dh in the host interface register. (DOUT0, DOUT1, DOUT2, DOUT3,
DOUT4, DOUT5, DOUT6, DOUT7, DOUT8, DOUT9, SDOUT_TDO, STAT0, STAT1,
STAT2, STAT3, STAT4, STAT5, XTAL_OUT, DOUT10, DOUT11, DOUT12,
DOUT13, DOUT14, DOUT15, DOUT16, DOUT17, DOUT18, DOUT19, PCLK)
Figure 3-4: XTAL1/XTAL2/XTAL-OUT
Figure 3-5: VBG
IO_VDD
200Ω
Output Pin
XTAL1
XTAL2
XTAL_OUT
VBG
50Ω
2kΩ
A_VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com