Electronic Components Datasheet Search
  English  ▼

X  

GS1660 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS1660
Description  HD/SD SDI Receiver Complete with SMPTE Video Processing
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1660 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS1660 Datasheet HTML 24Page - Semtech Corporation GS1660 Datasheet HTML 25Page - Semtech Corporation GS1660 Datasheet HTML 26Page - Semtech Corporation GS1660 Datasheet HTML 27Page - Semtech Corporation GS1660 Datasheet HTML 28Page - Semtech Corporation GS1660 Datasheet HTML 29Page - Semtech Corporation GS1660 Datasheet HTML 30Page - Semtech Corporation GS1660 Datasheet HTML 31Page - Semtech Corporation GS1660 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
GS1660 HD/SD SDI Receiver
Data Sheet
53834 - 2
September 2012
28 of 82
NOTE 1:
The part will lock into ASI in Auto mode, but could falsely unlock for some ASI
input patterns.
NOTE 2:
In Standby mode, the reclocker PLL unlocks. However, the LOCKED signal
retains whatever state it previously held. So, if before Standby assertion, the LOCKED
signal is HIGH, then during standby, it remains HIGH regardless of the status of the PLL.
4.6.1 Asynchronous Lock
The lock detection algorithm is a continuous process, beginning at device power-up or
after a system reset. It continues until the device is powered down or held in reset.
The device first determines if a valid serial digital input signal has been presented to the
device. If no valid serial data stream has been detected, the serial data into the device is
considered invalid, and the LOCKED signal is LOW.
Once a valid input signal has been detected, the asynchronous lock algorithm enters a
“hunt” phase, in which the device attempts to detect the presence of either TRS words or
DVB-ASI sync words.
By default, the device powers up in auto mode (the AUTO/MAN bit in the host interface
is set HIGH). In this mode, the device operating frequency toggles between HD and SD
rates as it attempts to lock to the incoming data rate. The PCLK output continues to
operate, and the frequency may switch between 148.5MHz, 74.25MHz, 27MHz and
13.5MHz.
When the device is operating in manual mode (AUTO/MAN bit in the host interface is
LOW), the operating frequency needs to be set through the host interface using the
RATE_DET bit. In this mode, the asynchronous lock algorithm does not toggle the
operating rate of the device and attempts to lock within a single standard. Lock is
achieved within three lines of the selected standard.
4.6.2 Signal Interruption
The device tolerates a signal interruption of up to 10
μs without unlocking, as long as no
TRS words are deleted by this interruption. If a signal interruption of greater than 10
μs
is detected, the lock detection algorithm may lose the current data rate, and LOCKED
will de-assert until the data rate is re-acquired by the lock detection block.
Table 4-4: Lock Detect Conditions
Mode of Operation
Mode Setting
Condition for Locked
Data-Through Mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
Reclocker PLL is locked.
SMPTE Mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Reclocker PLL is locked
2 consecutive TRS words are detected
in a 2-line window.
DVB_ASI Mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
Bit AUTO/MAN = LOW
Reclocker PLL is locked
32 consecutive DVB_ASI words with
no errors are detected within a
128-word window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com