Electronic Components Datasheet Search
  English  ▼

X  

GS1660 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS1660
Description  HD/SD SDI Receiver Complete with SMPTE Video Processing
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1660 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS1660 Datasheet HTML 9Page - Semtech Corporation GS1660 Datasheet HTML 10Page - Semtech Corporation GS1660 Datasheet HTML 11Page - Semtech Corporation GS1660 Datasheet HTML 12Page - Semtech Corporation GS1660 Datasheet HTML 13Page - Semtech Corporation GS1660 Datasheet HTML 14Page - Semtech Corporation GS1660 Datasheet HTML 15Page - Semtech Corporation GS1660 Datasheet HTML 16Page - Semtech Corporation GS1660 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
GS1660 HD/SD SDI Receiver
Data Sheet
53834 - 2
September 2012
13 of 82
J2
SDO_EN/DIS
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to enable/disable the serial digital output stage.
When SDO_EN/DIS is LOW, the serial digital output signals, SDO and
SDO, are both pulled HIGH.
When SDO_EN/DIS is HIGH, the serial digital output signals, SDO and
SDO, are enabled.
J6, K6
XTAL2, XTAL1
Analog Input
Input connection for 27MHz crystal.
K2
STANDBY
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
When this pin is set HIGH, the device is placed in a power-saving
mode. No data processing occurs, and the digital I/Os are powered
down.
In this mode, the serial digital output signals, SDO and SDO, are
both pulled HIGH.
K4
RSV
This pin must be left unconnected.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com