Electronic Components Datasheet Search
  English  ▼

X  

GS1670 Datasheet(PDF) 121 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 121 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 117Page - Semtech Corporation GS1670 Datasheet HTML 118Page - Semtech Corporation GS1670 Datasheet HTML 119Page - Semtech Corporation GS1670 Datasheet HTML 120Page - Semtech Corporation GS1670 Datasheet HTML 121Page - Semtech Corporation GS1670 Datasheet HTML 122Page - Semtech Corporation GS1670 Datasheet HTML 123Page - Semtech Corporation GS1670 Datasheet HTML 124Page - Semtech Corporation GS1670 Datasheet HTML 125Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
121 of 126
5. Application Reference Design
5.1 Typical Application Circuit
CD_VDD
CS10-27.000M
16p
16p
CD_VDD
AUDIO WORD CLOCK
10n
+1.2V_A
0R
0R
10n
+1.2V
10n
10n
10n
10n
4. For impedance controlled signal layout refer to PCB layout guide.
IO_VDD
+1.2V
DOUT[19:0]
10n
Power Filtering
10n
10n
AUDIO OUTPUT CH 1 & 2
SDIN_TDI
DNP
SCLK_TCK
4u7
22R
22R
10n
49R9
49R9
Close to
pin 1 & 2
of GS2978
AUDIO OUTPUT CH 3 & 4
CS_TMS
+1.2V_A
IO_VDD
+3.3V_A
R7
105R
+1.2V
C18
33u
+1.2V_A
LOCKED (DEFAULT, PROGRAMMABLE)
22R
R19
DNP
+3.3V_A
22R
0R
10n
10n
Place close to GS1670
AUDIO OUTPUT CH 5 & 6
1
UCBBJE20-1
CD_DISABLEb
Y/1ANC (DEFAULT, PROGRAMMABLE)
PCLK
22R
DATA_ERRORb (DEFAULT, PROGRAMMABLE)
1u
22R
AUDIO OUTPUT CH 7 & 8
H/HSYNC (DEFAULT, PROGRAMMABLE)
1u
A_GND
22R
10n
CD SLEW RATE SELECT
VBG
A1
LF
A2
LB_CONT
A3
STAT0
A5
STAT1
A6
STAT2
B5
STAT3
B6
STAT4
C5
STAT5
C6
PCLK
A8
DOUT 0
K8
DOUT 1
J8
DOUT 2
K9
DOUT 3
K10
DOUT 4
J9
DOUT 5
J10
DOUT 6
H9
DOUT 7
H10
DOUT 8
F9
DOUT 9
F10
DOUT 10
E9
DOUT 11
E10
DOUT 12
C8
DOUT 13
C10
DOUT 14
C9
DOUT 15
B10
DOUT 16
B9
DOUT 17
A10
DOUT 18
A9
DOUT 19
B8
RSV
B3
SDI
C1
RESET_TRST
C7
SDI
D1
SW_EN
D7
JTAG/HOST
D8
SDOUT_TDO
E7
SDIN_TDI
E8
TERM
F1
RSV
F2
CS_TMS
F7
SCLK_TCK
F8
RSV
G1
RSV
G2
RC_BYP
G3
RSV
G4
SMPTE_BYPASS
G7
DVB_ASI
G8
AUDIO_EN/DIS
H3
WCLK
H4
TIM_861
H5
XTAL_OUT
H6
20BIT/10BIT
H7
IOPROC_EN/DIS
H8
SDO
J1
SDO_EN/DIS
J2
AOUT_1/2
J3
ACLK
J4
AOUT_5/6
J5
XTAL2
J6
SDO
K1
STANDBY
K2
AOUT_3/4
K3
AMCLK
K4
AOUT_7/8
K5
XTAL1
K6
GS1670-IBE3
SMPTE_BYPASS
1u
Place close to GS1670
+3.3V_A
10n
V/VSYNC (DEFAULT, PROGRAMMABLE)
22R
1u
F/DE (DEFAULT, PROGRAMMABLE)
22R
22R
22R
3. For analog power and ground isolation refer to PCB layout guide.
DVB_ASI
1u
Power Decoupling
22R
1u
Place close to GS1670
22R
SDOUT_TDO
SW_EN
1u
22R
AUDIO_EN/DIS
1u
EQ_VCC
22R
IOPROC_EN/DIS
75-ohm Traces
CD_DISABLEb
22R
75R
4u7
20BIT/10BIT
75R
5n6
10n
+3.3V_A
10n
10n
1
UCBBJE20-1
22R
RC_BYP
75R
75R
IO_VDD
1u
22R
JTAG/HOST
EQ_VCC
EQ_VCC
SDIN
2
SDIN
3
VEE
4
SDO
10
SDO
11
VEE
1
VEE
9
VEE
12
GS2984/
GS2974
470n
75R
6n2
75R
22R
1u
37R4
1u
10n
10n
470n
22R
STANDBY
RESET_TRST
22R
2. The value of the series resistors on video data, clock, and timing
connections should be determined by board signal integrity test.
22R
22R
22R
SDO_EN/DIS
0R
22R
10n
10n
+3.3V
TP
CD_VDD
0R
10n
10n
47n
SDI
2
VEE
3
RSET
4
SD/HD
10
SDO
11
SDI
1
VCC
9
SDO
12
GS2978-CNE3
10n
+1.2V_A
10n
10n
22R
10n
AUDIO MASTER CLOCK
10n
DOUT[19:0]
TIM_861
22R
750R
1. DNP (Do Not Populate).
Notes:
AUDIO SERIAL BIT CLOCK
1u
Close to
pin C1 &
D1 of
GS1670
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
CD_VDD
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
10n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com