Electronic Components Datasheet Search
  English  ▼

X  

GS1670 Datasheet(PDF) 124 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 124 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 118Page - Semtech Corporation GS1670 Datasheet HTML 119Page - Semtech Corporation GS1670 Datasheet HTML 120Page - Semtech Corporation GS1670 Datasheet HTML 121Page - Semtech Corporation GS1670 Datasheet HTML 122Page - Semtech Corporation GS1670 Datasheet HTML 123Page - Semtech Corporation GS1670 Datasheet HTML 124Page - Semtech Corporation GS1670 Datasheet HTML 125Page - Semtech Corporation GS1670 Datasheet HTML 126Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
124 of 126
7.2 Packaging Data
7.3 Marking Diagram
Table 7-1:Packaging Data
Parameter
Value
Package Type
11mm x 11mm 100-ball LBGA
Package Drawing
Reference
JEDEC M0192 (with exceptions noted in Package Dimensions on
page 123).
Moisture Sensitivity Level
3
Junction to Case Thermal
Resistance, θj-c
15.4°C/W
Junction to Air Thermal
Resistance, θj-a (at zero
airflow)
37.1°C/W
Junction to Board
Thermal Resistance, θj-b
26.4°C/W
Psi, ψ
0.4°C/W
Pb-free and RoHS
Compliant
Yes
Pin 1
Indicator
GS1670
XXXXXXE3
YYWW
XXXXXX - Last 6 digits (excluding decimal) of
SAP Batch Assembly (FIN) as listed
on Packing Slip
YYWW - Date Code
E3 - Pb-free & Green indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com