Electronic Components Datasheet Search
  English  ▼

X  

SC563 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 4 Page - Semtech Corporation

  SC563 Datasheet HTML 1Page - Semtech Corporation SC563 Datasheet HTML 2Page - Semtech Corporation SC563 Datasheet HTML 3Page - Semtech Corporation SC563 Datasheet HTML 4Page - Semtech Corporation SC563 Datasheet HTML 5Page - Semtech Corporation SC563 Datasheet HTML 6Page - Semtech Corporation SC563 Datasheet HTML 7Page - Semtech Corporation SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SC563
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Limit
I
LIMx
350
550
750
mA
Noise
e
N
R
load = 50W ,
0Hz < f < 00kHz
00
μV
RMS/V
Power Supply Rejection
Ratio
PSRR
I
OUTx = 5mA, f = kHz,
60
dB
Under Voltage Lockout
V
UVLOx
V
IN Rising
.95
2.
2.25
V
UVLO Hysteresis
V
UVLO-HYS
00
mV
Over Temperature Protection
Threshold(3)
T
OT
Temperature Rising
50
°C
Over Temperature Threshold
Hysteresis
V
OT-HYS
0
°C
Digital Inputs
Logic Input High Threshold
V
IH
V
IN = 5.5V
.2
V
Logic Input Low Threshold
V
IL
V
IN = 2.5V
0.4
V
Logic Input High Current
I
IH
V
IN = 5.5V

μA
Logic Input Low Current
I
IL
V
IN = 5.5V

μA
Electrical Characteristics (continued)
Notes:
() X indicates LDO or LDO2.
(2) Dropout voltage is defined as V
IN - VOUTx , when VOUTx is 00mV below the value of VOUTx at VIN ≥ Max(VOUTx + .0V or 2.3V).
(3) Thermal shutdown does not latch LDOs off. Recovery begins if the temperature drops by the hysteresis level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com