Electronic Components Datasheet Search
  English  ▼

X  

SC563 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 1 Page - Semtech Corporation

  SC563 Datasheet HTML 1Page - Semtech Corporation SC563 Datasheet HTML 2Page - Semtech Corporation SC563 Datasheet HTML 3Page - Semtech Corporation SC563 Datasheet HTML 4Page - Semtech Corporation SC563 Datasheet HTML 5Page - Semtech Corporation SC563 Datasheet HTML 6Page - Semtech Corporation SC563 Datasheet HTML 7Page - Semtech Corporation SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
POWER MANAGEMENT

SC563
Dual Output 300mA LDO
Linear Regulator
Features
Input voltage range — 2.3V to 5.5V
Two 300mA (maximum) outputs
Dropout at 300mA load — 80mV (Typ)
Quiescent supply current — 50μA (x2)
Shutdown current — 00nA
Output noise — 00μV
RMS /V
Over-temperature protection
Short-circuit protection
Under-voltage lockout
Internal output discharge 00W
MLPD-UT8, .6mm x .2mm x 0.6mm package
Applications
Consumer electronics
Wearable & Portable electronics
Cell phones
GPS devices
Set top boxes/HDTVs
Communication electronics
Industrial electronics
Description
The SC563 is a dual output, low dropout linear voltage
regulator designed for use in battery powered applica-
tions and other applications with space constraints and
low power requirements. The SC563 provides fixed output
voltages up to 300mA of load current per channel. Fixed
output voltages for each output eliminates the need for
external feedback resistors.
The device has separate input, output and enable pins for
each LDO channel. Using the lowest possible input
voltage for each output voltage reduces the power loss
for each rail. This improves overall package thermal per-
formance and efficiency compared to single input voltage
devices.
The device has fast turn-on and turn-off voltage slew rate
for fast system start up and reset response. Low quiescent
current extends battery life.
The SC563 family of devices provide protection circuitry
such as short-circuit protection, under-voltage lockout,
and thermal protection to prevent device failures. Stability
is maintained by using µF capacitors on the output pins.
The MLPD-UT8 .6mmx.2mm package and small ceramic
bypass capacitors minimize the required PCB area.
1µF
OUT 1
OUT 2
VIN1
EN1
OUT2
EN1
OUT1
PAD
VIN1
1µF
COUT2
1uF
EN2
EN2
SC
1µF
VIN2
VIN2
563
COUT1
CIN2
CIN1
GND
GND
Typical Application Circuit
Rev 2.0


Similar Part No. - SC563

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC56 ZOWIE-SC56 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SC56-11 ETC-SC56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SC56-11CGKWA KINGBRIGHT-SC56-11CGKWA Datasheet
348Kb / 6P
14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
162Kb / 3P
Standard-Displays
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC563

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
300mA LDO Linear Regulator
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
300mA Variable Output LDO Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com