Electronic Components Datasheet Search
  English  ▼

X  

SC563 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC563 Datasheet HTML 4Page - Semtech Corporation SC563 Datasheet HTML 5Page - Semtech Corporation SC563 Datasheet HTML 6Page - Semtech Corporation SC563 Datasheet HTML 7Page - Semtech Corporation SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation SC563 Datasheet HTML 10Page - Semtech Corporation SC563 Datasheet HTML 11Page - Semtech Corporation SC563 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SC563
8
Line Regulation (Vout=1.8V, Iout=150mA)
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Ta=25°C
Ta=-40°C
Ta=85°C
0
50
100
150
200
250
300
350
400
3.2
3.3
3.4
3.5
3.6
Input Voltage (V)
T=-40°C
T=85°C
T=25°C
Dropout Voltage (Vout=3.3V, Iout=150mA)
0
50
100
150
200
250
300
350
3.2
3.3
3.4
3.5
3.6
Input Voltage (V)
T=-40°C
T=85°C
T=25°C
Line Regulation (Vout=1.8V, Iout=250mA)
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Ta=25°C
Ta=-40°C
Ta=85°C
Typical Characteristics
Dropout Voltage (Vout=3.3V, Iout=300mA)
0
50
100
150
200
250
300
350
400
3.2
3.3
3.4
3.5
3.6
Input Voltage (V)
T=-40°C
T=85°C
T=25°C
Dropout Vs Load Current (Vout=3.3V)
Dropout Voltage (Vout=3.3V, Iout=50mA)
0
50
100
150
200
250
0
50
100
150
200
250
300
Load Current (mA)
Ta=25°C
Ta=-40°C
Ta=85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com