Electronic Components Datasheet Search
  English  ▼

X  

SC563 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC563 Datasheet HTML 3Page - Semtech Corporation SC563 Datasheet HTML 4Page - Semtech Corporation SC563 Datasheet HTML 5Page - Semtech Corporation SC563 Datasheet HTML 6Page - Semtech Corporation SC563 Datasheet HTML 7Page - Semtech Corporation SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation SC563 Datasheet HTML 10Page - Semtech Corporation SC563 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SC563
7
Load Regulation (Vin=3.6V, Vout=3.3V)
3.20
3.23
3.25
3.28
3.30
3.33
3.35
3.38
3.40
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Load Current (A)
Ta=25°C
Ta=-40°C
Ta=85°C
1.70
1.73
1.75
1.78
1.80
1.83
1.85
1.88
1.90
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Load Current (A)
Ta=25°C
T=-40°C
Ta=85°C
Load Regulation (Vin=4.2V, Vout=1.8V)
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0.0
0.1
0.1
0.2
0.2
0.3
0.3
Load Current (A)
Ta=25°C
Ta=-40°C
Ta=85°C
Load Regulation (Vin=5.0V, Vout=3.3V)
3.20
3.23
3.25
3.28
3.30
3.33
3.35
3.38
3.40
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Load Current (A)
Ta=25°C
Ta=-40°C
Ta=85°C
Typical Characteristics
Line Regulation (Vout=3.3V, Iout=150mA)
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Ta=25°C
Ta=-40°C
Ta=85°C
Line Regulation (Vout=3.3V, Iout=300mA)
Load Regulation (Vin=3.6V, Vout=1.8V)
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Ta=25°C
Ta=-40°C
Ta=85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com