Electronic Components Datasheet Search
  English  ▼

X  

SC563 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 3 Page - Semtech Corporation

  SC563 Datasheet HTML 1Page - Semtech Corporation SC563 Datasheet HTML 2Page - Semtech Corporation SC563 Datasheet HTML 3Page - Semtech Corporation SC563 Datasheet HTML 4Page - Semtech Corporation SC563 Datasheet HTML 5Page - Semtech Corporation SC563 Datasheet HTML 6Page - Semtech Corporation SC563 Datasheet HTML 7Page - Semtech Corporation SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SC563
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Tested according to JEDEC standard JESD22-A4-B.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Absolute Maximum Ratings
VIN, VIN2 (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
EN, EN2(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
Pin Voltage — All Other Pins (V) . . . . . -0.3 to (V
VIN + 0.3)
ESD()PROTECTION LEVEL (kV).............. ...................4
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . -40 < T
A < +85
V
VIN (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3 to 5.5
EN to GND(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VIN
EN2 to GND(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VIN2
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) 90
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +25
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 30s) (°C) . . . . . . . +260
Unless otherwise noted V
VIN = Max[VOUTx + .0V or 2.3V], CIN = CIN2 = μF, COUT = COUT2 = μF, VEN = VEN2 = VVIN, -40 °C < TA =Tj < 25°C.
Typical values are at T
A = 25°C. All specifications apply to both LDOs unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage Range
V
IN
2.3
5.5
V
Output Voltage Accuracy ()
ΔV
OUTx
I
OUTx =mA,
V
IN ≥ Max(VOUTx + .0V or 2.3V)
-3
+/- 2
3
%
Maximum Output Current
I
MAX
Each LDO
300
mA
Dropout Voltage(2)
V
D
I
OUTx = 300mA, VINx = 3.0V to 3.6V
80
450
mV
I
OUTx = 300mA, VINx = 3.0V to 3.6V,
-40°C
< T
A < 85°C
80
400
mV
I
OUTx = 300mA, VINx = 2.3V to 3.0V
300
540
mV
I
OUTx = 300mA, VINx = 2.3V to 3.0V
-40°C
< T
A < 85°C
300
490
mV
Shutdown Current
I
SD
ENx=0,
0.

μA
Quiescent Current
I
Q
I
OUTx = 0mA, VENx = VINx (per LDO)
50
µA
Load Regulation
ΔV
LOADx
I
OUTx = mA to IMAX, -40 °C < TA <=85°C
5
40
mV
Line Regulation
ΔV
LINEx
I
OUTx = mA, -40 °C < TA <=85°C
0.02
0.
%/V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com