Electronic Components Datasheet Search
  English  ▼

X  

SC563 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 2 Page - Semtech Corporation

  SC563 Datasheet HTML 1Page - Semtech Corporation SC563 Datasheet HTML 2Page - Semtech Corporation SC563 Datasheet HTML 3Page - Semtech Corporation SC563 Datasheet HTML 4Page - Semtech Corporation SC563 Datasheet HTML 5Page - Semtech Corporation SC563 Datasheet HTML 6Page - Semtech Corporation SC563 Datasheet HTML 7Page - Semtech Corporation SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SC563
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC563LHULTRC()(2)
MLPD-UT8 .6×.2
SC563LHEVB(3)
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free package only. Device is WEEE and RoHS compliant.
(3) See the Voltage Options Table for Manufacture Part Number
TO P VIEW
EN1
8
VIN1
7
VIN2
6
2
O UT1
1
G ND
3
O UT2
4
EN2
5
G ND
PAD
MLPD-UT8; 1.6x1.2, 8 LEAD
θ
JA = 90°C/W
Voltage Options and Part Numbering
Device
Ordering
Number
Output
Voltage
Options
Mark-
ing
Code
Auto-Dis-
charge
OUT OUT2
SC563LH SC563LHULTRC
3.3V
.8V
LH
Yes
Note: For additional Fixed Output Voltage Options, contact
Semtech marketing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com