Electronic Components Datasheet Search
  English  ▼

X  

RT9202 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9202
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9202 Datasheet HTML 1Page - Richtek Technology Corporation RT9202 Datasheet HTML 2Page - Richtek Technology Corporation RT9202 Datasheet HTML 3Page - Richtek Technology Corporation RT9202 Datasheet HTML 4Page - Richtek Technology Corporation RT9202 Datasheet HTML 5Page - Richtek Technology Corporation RT9202 Datasheet HTML 6Page - Richtek Technology Corporation RT9202 Datasheet HTML 7Page - Richtek Technology Corporation RT9202 Datasheet HTML 8Page - Richtek Technology Corporation RT9202 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT9202
DS9202-02 August 2002
www.richtek.com
5
Absolute Maximum Ratings
Supply Voltage VCC
7V
BOOT & UGATE to GND
15V
Input, Output or I/O Voltage
GND
−0.3V ~ 7V
Power Dissipation, PD @ TA = 25°C
SOP-8
0.625W
Package Thermal Resistance
SOP-8,
θJA
160
°C/W
Ambient Temperature Range
0
°C ~ +70°C
Junction Temperature Range
-40
°C ~ +125°C
Storage Temperature Range
-65
°C ~ +150°C
Lead Temperature (Soldering, 10 sec.)
260
°C
CAUTION:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Electrical Characteristics
(VCC = 5V, TA = 25°C, Unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current / Regulated Voltage
Nominal Supply Current
ICC
UGATE, LGATE open
--
3
6
mA
Regulated Voltage from BOOT
VCC
VBOOT = 12V
56
7
V
Power-On Reset
Rising VCC Threshold
VOCSET = 4.5V
3.85
4.1
4.35
V
VCC Threshold Hysteresis
VOCSET1 = 4.5V
0.3
0.5
0.7
V
Rising VOCSET Threshold
0.8
1.25
2.0
V
Reference
Reference Voltage
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
250
300
350
KHz
Ramp Amplitude
∆ VOSC
--
1.75
--
VP-P
Error Amplifier
DC gain
32
35
38
dB
PWM Controller Gate Driver
Upper Drive Source
RUGATE
BOOT= 12V
BOOT-VUGATE = 1V
--
7
11
Ω
Upper Drive Sink
RUGATE
VUGATE = 1V
--
5
7.5
Ω
Lower Drive Source
RLGATE
VCC - VLGATE = 1V,
--
4
6
Ω
Lower Drive Sink
RLGATE
VLGATE = 1V
--
2
4
Ω
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com