Electronic Components Datasheet Search
  English  ▼

X  

RT9202 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9202
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9202 Datasheet HTML 4Page - Richtek Technology Corporation RT9202 Datasheet HTML 5Page - Richtek Technology Corporation RT9202 Datasheet HTML 6Page - Richtek Technology Corporation RT9202 Datasheet HTML 7Page - Richtek Technology Corporation RT9202 Datasheet HTML 8Page - Richtek Technology Corporation RT9202 Datasheet HTML 9Page - Richtek Technology Corporation RT9202 Datasheet HTML 10Page - Richtek Technology Corporation RT9202 Datasheet HTML 11Page - Richtek Technology Corporation RT9202 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT9202
www.richtek.com
DS9202-02 August 2002
8
Short Hiccup
Time
VOUT
VCC = 5V
VOUT = 2.2V
UGATE
Bootstrap Wave Form
Time
LGATE
VCC = 5V; VOUT = 2.2V
UGATE
PHASE
Reference vs. Temperature
0.796
0.797
0.798
0.799
0.800
0.801
0.802
0.803
-50
0
50
100
150
Temperature ( C)
°
IOCSET vs. Temperature
20
25
30
35
40
45
50
55
-40
-10
20
50
80
110
140
Temperature ( C)
°
POR (Rising/Falling) vs. Temperature
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
-50
0
50
100
150
Temperature ( C)
°
Falling
Rising
Oscillator Frequency vs. Temperature
270
275
280
285
290
295
300
305
310
315
-50
0
50
100
150
Temperature ( C)
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com