Electronic Components Datasheet Search
  English  ▼

X  

RT9202 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9202
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9202 Datasheet HTML 5Page - Richtek Technology Corporation RT9202 Datasheet HTML 6Page - Richtek Technology Corporation RT9202 Datasheet HTML 7Page - Richtek Technology Corporation RT9202 Datasheet HTML 8Page - Richtek Technology Corporation RT9202 Datasheet HTML 9Page - Richtek Technology Corporation RT9202 Datasheet HTML 10Page - Richtek Technology Corporation RT9202 Datasheet HTML 11Page - Richtek Technology Corporation RT9202 Datasheet HTML 12Page - Richtek Technology Corporation RT9202 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT9202
DS9202-02 August 2002
www.richtek.com
9
Functional Description
The RT9202 operates at either single 5V power
supply with a bootstrap UGATE driver or 5V/12V
dual-power supply form the ATX SMPS. The dual-
power supply is recommended for high current
application, the RT9202 can deliver higher gate
driving current while operating with ATX SMPS based
on dual-power supply.
The Bootstrap Operation
In a single power supply system, the UGATE driver of
RT9202 is powered by an external bootstrap circuit,
as the Fig.1. The boot capacitor, CBOOT, generates a
floating reference at the PHASE pin. Typically a
0.1
µF CBOOT is enough for most of MOSFETs used
with the RT9202. The voltage drop between BOOT
and PHASE is refreshed to a voltage of VCC – diode
drop (VD) while the low side MOSFET turning on.
Fig.1 Single 5V power Supply Operation
Dual Power Operation
The RT9202 was designed to regulate a 6.0V at VCC
pin automatically when BOOT pin is powered by 12V.
In a system with ATX 5V/12V power supply, the
RT9202 is ideal for higher current application due to
the higher gate driving capability, VUGATE = 7V and
VLGATE = 6.0V. A RC (10Ω/1µF) filter is also
recommended at BOOT pin to prevent the ringing
induced from fast power on, as shown in Fig.2.
Fig.2 Dual Power Supply Operation
Power On Reset
The Power-On Reset (POR) monitors the supply
voltage (normal +5V) at the VCC pin and the input
voltage at the OCSET pin. The VCC POR level is
4.1V with 0.5V hysteresis and the normal level at
OCSET pin is 1.5V (see over-current protection). The
POR function initiates soft-start operation after all
supply voltages exceed their POR thresholds.
Soft Start
A built-in soft-start is used to prevent surge current
from power supply input during power on. The soft-
start voltage is controlled by an internal digital
counter. It clamps the ramping of reference voltage at
the input of error amplifier and the pulse-width of the
output driver slowly. The typical soft-start duration is
2mS.
Over-Current Protection
The over current protection (OCP) function of the
RT9202 is triggered when the voltage across the
RDS(ON) of upper side MOSFET that developed by
drain current exceeds over-current tripping level. An
external resistor (ROCSET) programs the over-current
tripping level of the PWM converter. As shown on
Fig.1, the internal 40
µA current sink (I
OCSET) develops
a voltage across ROCSET (VSET) that is referenced to
VIN. The DRIVE signal enables the over-current
comparator (OC). When the voltage across the upper
MOSFET (VDS(ON)) exceeds VSET, the over-current
+
BOOT
UGATE
PHASE
LGATE
RT9202
VCC
D1
0.1
µF
5V
R1
C2
1
µF
VCC
+
BOOT
UGATE
LGATE
6.0V
Regulator
VCC
5V
R1
10
C2
1
µF
C1
1
µF
12V
VCC
RT9202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com