Electronic Components Datasheet Search
  English  ▼

X  

RT9202 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9202
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9202 Datasheet HTML 2Page - Richtek Technology Corporation RT9202 Datasheet HTML 3Page - Richtek Technology Corporation RT9202 Datasheet HTML 4Page - Richtek Technology Corporation RT9202 Datasheet HTML 5Page - Richtek Technology Corporation RT9202 Datasheet HTML 6Page - Richtek Technology Corporation RT9202 Datasheet HTML 7Page - Richtek Technology Corporation RT9202 Datasheet HTML 8Page - Richtek Technology Corporation RT9202 Datasheet HTML 9Page - Richtek Technology Corporation RT9202 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RT9202
www.richtek.com
DS9202-02 August 2002
6
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Protection
FB Over-Voltage Trip
FB Rising
1.0
1.1
--
V
FB Under-Voltage Trip
FB Falling
--
0.5
0.6
V
OCSET Current Source
IOCSET
VOCSET= 4.5V
35
40
45
µA
Soft-Start Interval
1
2
4
mS
Functional Pin Description
BOOT (Pin 1)
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to
create a voltage suitable to drive a logic-level N-
channel MOSFET when operating at a single 5V power
supply. This pin also could be powered from ATX 12V,
in this situation, a internal 6.0V regulator will supply to
VCC pin for internal voltage bias.
UGATE (Pin 2)
Connect UGATE pin to the PWM converter’s upper
MOSFET gate. This pin provides the gate drive for the
upper MOSFET.
GND (Pin 3)
Signal and power ground for the IC. All voltage levels
are measured with respect to this pin.
LGATE (Pin 4)
Connect LGATE to the PWM converter’s lower
MOSFET gate. This pin provides the gate drive for the
lower MOSFET.
VCC (Pin 5)
This is the main bias supply for the RT9202. This pin
also provides the gate bias charge for the lower
MOSFETs gate. The voltage at this pin monitored for
power-on reset (POR) purpose. This pin is also the
internal 6.0V regulator output powered from BOOT pin
when BOOT pin is directly powered from ATX 12V.
FB (Pin 6)
This pin is connected to the PWM converter’s output
divider. This pin also connects to internal PWM error
amplifier inverting input and protection monitor.
OCSET (Pin 7)
Connect a resistor from this pin to the drain of the
respective upper MOSFET. This resistor, an internal
40
µA current source, and the upper MOSFET on-
resistance set the converter over-current trip point. An
over-current trip cycles the soft-start function. The
voltage at this pin is monitored for power-on reset
(POR) purpose and pulling this pin low with an open
drain device will shut down the IC.
PHASE (Pin 8)
This pin is used to monitor the voltage drop across the
upper MOSFET for over-current protection.
)
ON
(
DS
OCSET
OCSET
PEAK
R
R
I
I
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com