Electronic Components Datasheet Search
  English  ▼

X  

RT9202 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9202
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9202 Datasheet HTML 1Page - Richtek Technology Corporation RT9202 Datasheet HTML 2Page - Richtek Technology Corporation RT9202 Datasheet HTML 3Page - Richtek Technology Corporation RT9202 Datasheet HTML 4Page - Richtek Technology Corporation RT9202 Datasheet HTML 5Page - Richtek Technology Corporation RT9202 Datasheet HTML 6Page - Richtek Technology Corporation RT9202 Datasheet HTML 7Page - Richtek Technology Corporation RT9202 Datasheet HTML 8Page - Richtek Technology Corporation RT9202 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT9202
DS9202-02 August 2002
www.richtek.com
1
Single Synchronous Buck PWM DC-DC Controller
General Description
The RT9202 is a single power supply PWM DC-DC
converter controller designed to drive N-channel
MOSFET in a synchronous buck topology. The IC
integrates the control, output adjustment, monitoring
and protection functions in a small 8-pin package.
The RT9202 uses a low gain voltage mode PWM
control for simple application design. An internal 0.8V
reference allows the output voltage to be precisely
regulated to low voltage requirement. A fixed 300kHz
oscillator reduces the component size for saving
board space.
The RT9202 features over current protection, over
voltage protection, and under voltage lock-out. The
output current is monitored by sensing the voltage
drop across the MOSFET’s RDS(ON), which eliminates
the need for a current sensing resistor.
Applications
Motherboard Power Regulation for Computers
Subsystems Power Supplies
Cable Modems, Set Top Box, and DSL Modems
DSP and Core Communications processor Supplies
Memory Power Supplies
Personal Computer Peripherals
Industrial Power Supplies
5V-Input DC-DC Regulators
Low Voltage Distributed Power Supplies
Features
Operate from 5V
0.8V Internal Reference
Drive Two N-channel MOSFET
Voltage Mode PWM Control
Fast Transient Response
Fixed 300kHz Oscillator Frequency
Full 0~100% Duty Cycle
Internal Soft Start
Adaptive Non-overlapping Gate Driver
Over-current Monitor Uses MOSFET RDS(ON)
Over-voltage
Protection
Uses
Low-side
MOSFET
Pin Configurations
Part Number
Pin Configurations
RT9202CS
(Plastic SOP-8)
TOP VIEW
Ordering Information
RT9202
Operating temperature range
C: Commercial standard
Package type
S : SOP-8
BOOT
UGATE
GND
LGATE
PHASE
OCSET
FB
VCC
1
2
3
4
8
7
6
5


Similar Part No. - RT9202

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202BGS RICHTEK-RT9202BGS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202BPS RICHTEK-RT9202BPS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202GS RICHTEK-RT9202GS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9202

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com