Electronic Components Datasheet Search
  English  ▼

X  

RT9202 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9202
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9202 Datasheet HTML 8Page - Richtek Technology Corporation RT9202 Datasheet HTML 9Page - Richtek Technology Corporation RT9202 Datasheet HTML 10Page - Richtek Technology Corporation RT9202 Datasheet HTML 11Page - Richtek Technology Corporation RT9202 Datasheet HTML 12Page - Richtek Technology Corporation RT9202 Datasheet HTML 13Page - Richtek Technology Corporation RT9202 Datasheet HTML 14Page - Richtek Technology Corporation RT9202 Datasheet HTML 15Page - Richtek Technology Corporation RT9202 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
RT9202
www.richtek.com
DS9202-02 August 2002
12
Input / Output Capacitor
High frequency/long life decoupling capacitors should
be placed as close to the power pins of the load as
physically possible. Be careful not to add inductance
to
the
PCB
trace,
as
it
could
eliminate
the
performance from utilizing these low inductance
components. Consult with the manufacturer of the
load on specific decoupling requirements.
The output capacitors are necessary for filtering
output and stabilizing the close loop (see the PWM
loop stability). For powering advanced, high-speed
processors,
it
is
required
to
meet
with
the
requirement of fast load transient, high frequency
capacitors
with
low
ESR/ESL
capacitors
are
recommended.
Another concern is high ESR induced ripple may
trigger UV or OV protections.
PWM Loop Stability
The RT9202 is a voltage mode buck controller
designed for 5V step-down applications. The gain of
error amplifier is fixed at 35dB for simplified design.
The output amplitude of ramp oscillator is 1.6V, the
loop gain and loop pole/zero are calculated as
follows:
DC loop gain GA = 35dB ×
×
LC filter pole PO =
× π ×
Error Amp pole PA = 300kHz
ESR zero ZO =
× π × ESR × C
The RT9202 Bode plot as shown Fig.6 is stable in
most of application conditions.
Reference Voltage
Because RT9202 use a low 35dB gain error amplifier,
shown in Fig. 7. The voltage regulation is dependent
on VIN & VOUT setting. The FB reference voltage of
0.8V were trimmed at VIN = 5V & VOUT = 2.5V
condition. In a fixed VIN = 5V application, the FB
reference voltage vs. VOUT voltage can be calculated
as Fig. 8.
Fig. 7
Fig. 8
Feedback Divider
The reference of RT9202 is 0.8V. The output voltage
can be set using a resistor based divider as shown in
Fig.9. Put the R1 and R2 as close as possible to FB
pin and R2 should less than 1 k
Ω to avoid noise
coupling. The C1 capacitor is a speed-up capacitor
for
reducing
output
ripple
to
meet
with
the
requirement of fast transient load. Typically a 1nF ~
0.1
µF is enough for C1.
Loop Gain
VOUT = 1.5V
VOUT = 2.5V
VOUT = 3.3V
ZO = 3.2kHz
PO = 2.9kHz
L=2
µH
COUT = 1500µF(33mΩ)
VOUT = 3.3V
40
30
20
10
1M
100k
10k
1k
100
Fig. 6
EA
PWM
REP
0.8V
I3
56K
I2
1K
FB
RAMP
1.75V
VOUT (V)
VIN = 5V
4
3.5
3
1
1.5
2
2.5
0.82
0.78
0.80
0.81
0.79
0.5
4.5
LC
2
1
2
1
6
.
1
5
VOUT
8
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com