Electronic Components Datasheet Search
  English  ▼

X  

ICS1524M Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS1524M
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524M Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS1524M Datasheet HTML 13Page - Integrated Circuit Systems ICS1524M Datasheet HTML 14Page - Integrated Circuit Systems ICS1524M Datasheet HTML 15Page - Integrated Circuit Systems ICS1524M Datasheet HTML 16Page - Integrated Circuit Systems ICS1524M Datasheet HTML 17Page - Integrated Circuit Systems ICS1524M Datasheet HTML 18Page - Integrated Circuit Systems ICS1524M Datasheet HTML 19Page - Integrated Circuit Systems ICS1524M Datasheet HTML 20Page - Integrated Circuit Systems ICS1524M Datasheet HTML 21Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
ICS1524
ICS1524 Rev C 01/31/2003
Absolute Maximum Ratings
VDD, VDDA, VDDQ (measured to VSS) . . . . . . . . . . . . . . . . . . 4.3V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS – 0.3V to 5.5V
Analog Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSSA – 0.3V to VDDA +0.3V
Digital Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSSQ – 0.3V to VDDQ +0.3V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . – 65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Soldering Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C
ESD Susceptibility* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . > 2 KV
(*Electrostatic-sensitive devices. Do not open or handle except in a static-free workstation.)
Power Supply Considerations
The ICS1524 incorporates special internal power-on reset circuitry that requires no external reset signal connection. The sup-
ply voltage (VDD) must remain within the recommended operating conditions during normal operation. To reset the ICS1524,
the supply voltage at the part must be reduced below the threshold voltage (Vth) of the power-on reset circuit. The supply volt-
age must remain below that threshold voltage such that board power conditioning capacitors are drained and the proper reset
state is latched. The amount of time (td) to hold the voltage in a reset state varies with the design. However, a typical value of
10 ms should be sufficient.
Supply
Voltage
td
V = 1.8V
th
Vmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com