Electronic Components Datasheet Search
  English  ▼

X  

ICS1524M Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS1524M
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524M Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS1524M Datasheet HTML 15Page - Integrated Circuit Systems ICS1524M Datasheet HTML 16Page - Integrated Circuit Systems ICS1524M Datasheet HTML 17Page - Integrated Circuit Systems ICS1524M Datasheet HTML 18Page - Integrated Circuit Systems ICS1524M Datasheet HTML 19Page - Integrated Circuit Systems ICS1524M Datasheet HTML 20Page - Integrated Circuit Systems ICS1524M Datasheet HTML 21Page - Integrated Circuit Systems ICS1524M Datasheet HTML 22Page - Integrated Circuit Systems ICS1524M Datasheet HTML 23Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
ICS1524
ICS1524 Rev C 01/31/2003
VCO Output Frequency and Intrinsic Jitter
0
100
200
300
400
500
600
700
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
VCO Voltage
0
100
200
300
400
500
600
700
Frequency (Slow: 3.0V @ 70ºC)
Frequency (Nominal: 3.3V @ 30ºC)
Frequency (Fast: 3.6V @ 0ºC)
Jitter (3.0V @ 70ºC)
Jitter (3.3V @ 30ºC)
Jitter (3.6V @ 0ºC)
Frequency
Jitter
Note: Measured with an Externally Forced Filter Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com