Electronic Components Datasheet Search
  English  ▼

X  

ICS1524M Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS1524M
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524M Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS1524M Datasheet HTML 16Page - Integrated Circuit Systems ICS1524M Datasheet HTML 17Page - Integrated Circuit Systems ICS1524M Datasheet HTML 18Page - Integrated Circuit Systems ICS1524M Datasheet HTML 19Page - Integrated Circuit Systems ICS1524M Datasheet HTML 20Page - Integrated Circuit Systems ICS1524M Datasheet HTML 21Page - Integrated Circuit Systems ICS1524M Datasheet HTML 22Page - Integrated Circuit Systems ICS1524M Datasheet HTML 23Page - Integrated Circuit Systems ICS1524M Datasheet HTML 24Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ICS1524
20
ICS1524 Rev C 01/31/2003
DPA Delay-16 Element Resolution
0
2
4
6
8
10
12
14
16
18
20
04
8
12
DPA Setting
50 MHz - SVGA @ 72 Hz
157.5 MHz - SXGA @ 85 Hz
DPA Delay - 32 Element Resolution
0
5
10
15
20
25
30
35
40
45
0
4
8
1216
2024
28
DPA Setting
25.175 MHz - VGA @ 60 Hz
78.75 MHz - XGA @ 75 Hz
16
DPA Delay - 64 Element Resolution
0
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
24
28
32
36
40
44
48
52
56
60
DPA Setting
12.27 MHz - NTSC
39.8 MHz - SVGA @ 60
32
64
Note:
Maximum number of data points used for this graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com