Electronic Components Datasheet Search
  English  ▼

X  

ICS1524M Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS1524M
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524M Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS1524M Datasheet HTML 14Page - Integrated Circuit Systems ICS1524M Datasheet HTML 15Page - Integrated Circuit Systems ICS1524M Datasheet HTML 16Page - Integrated Circuit Systems ICS1524M Datasheet HTML 17Page - Integrated Circuit Systems ICS1524M Datasheet HTML 18Page - Integrated Circuit Systems ICS1524M Datasheet HTML 19Page - Integrated Circuit Systems ICS1524M Datasheet HTML 20Page - Integrated Circuit Systems ICS1524M Datasheet HTML 21Page - Integrated Circuit Systems ICS1524M Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ICS1524
18
ICS1524 Rev C 01/31/2003
Recommended Operating Conditions
VDD, VDDQ, VDDA (measured to VSS) . 3.0 to 3.6 V
Operating Temperature (Ambient) . . . . . . 0 to +70°C
t
n
e
r
r
u
C
y
l
p
p
u
S
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
l
a
t
i
g
i
D
,
t
n
e
r
r
u
C
y
l
p
p
u
SD
D
D
IV
6
.
3
=
D
D
D
V—
5
2A
m
s
r
e
v
i
r
D
t
u
p
t
u
O
,
t
n
e
r
r
u
C
y
l
p
p
u
SQ
D
D
I.
d
e
l
b
a
n
e
s
r
e
v
i
r
d
t
u
p
t
u
o
o
n
,
V
6
.
3
=
Q
D
D
V—
6
A
m
g
o
l
a
n
A
,
t
n
e
r
r
u
C
y
l
p
p
u
SA
D
D
IV
6
.
3
=
A
D
D
V—
5
A
m
,
C
S
O
,
C
N
Y
S
H
,
B
F
T
X
E
,
N
E
D
P
,
L
C
S
,
A
D
S
(
s
t
u
p
n
I
l
a
t
i
g
i
DI2C)
R
D
A
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IH
I
V2
5
.
5V
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IL
I
V3
.
0
-
S
S
V8
.
0V
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I
2
.
06
.
0V
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IH
I
IV H
I
D
D
V
=—
0
1
±A
µ
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IL
I
IV L
I
0
=—
0
0
2
±A
µ
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
In
i
C—
0
1F
p
)
l
a
n
o
i
t
c
e
r
i
d
i
B
s
i
A
D
S
:
e
d
o
M
t
u
p
t
u
O
n
I
(
A
D
S
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OL
O
V
s
a
m
u
m
i
x
a
m
V
0
.
6
=
H
O
V
.
A
m
3
=
T
U
O
I
.
r
o
t
s
i
s
e
r
p
u
-
l
l
u
p
l
a
n
r
e
t
x
e
e
h
t
y
b
d
e
n
i
m
r
e
t
e
d
4
.
0V
K
L
C
,
+
K
L
C
,
–
K
L
C
A
P
D
,
+
K
L
C
A
P
D
(
s
t
u
p
t
u
O
L
C
E
P
)
-
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OH
O
V0
=
T
U
O
I—
D
D
VV
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
m
u
m
i
x
a
MX
A
M
p
FV
3
.
3
=
D
D
D
V—
0
5
2z
H
M
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
w
o
l
e
b
l
l
a
f
t
o
n
t
s
u
m
L
O
V
:
e
t
o
N
(
t
c
e
r
r
o
c
e
h
t
t
a
h
t
o
s
n
e
v
i
g
l
e
v
e
l
e
h
t
e
b
n
a
c
T
U
O
I
r
o
f
e
u
l
a
v
)
.
d
e
n
i
a
t
n
i
a
m
L
O
Ve
u
l
a
v
d
e
m
m
a
r
g
o
r
p
=
T
U
O
I0
.
1—
V
(
s
t
u
p
t
u
O
3
-
L
T
S
S
A
P
D
K
C
O
L
,
C
N
U
F
,
K
L
C
,
K
L
C
)
F
E
R
/
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
ORO
V
<
1
O
V
2
<—
0
8
Ω
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
m
u
m
i
x
a
MX
A
M
s
FV
3
.
3
=
D
D
D
V—
0
5
1z
H
M
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
t
u
p
n
I
C
A
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
y
c
n
e
u
q
e
r
F
t
u
p
n
I
C
N
Y
S
Hf
C
N
Y
S
H
8
0
0
.0
1z
H
M
y
c
n
e
u
q
e
r
F
t
u
p
n
I
C
S
Of C
S
O
2
0
.0
0
1z
H
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com