Electronic Components Datasheet Search
  English  ▼

X  

ICS1524M Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS1524M
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524M Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS1524M Datasheet HTML 6Page - Integrated Circuit Systems ICS1524M Datasheet HTML 7Page - Integrated Circuit Systems ICS1524M Datasheet HTML 8Page - Integrated Circuit Systems ICS1524M Datasheet HTML 9Page - Integrated Circuit Systems ICS1524M Datasheet HTML 10Page - Integrated Circuit Systems ICS1524M Datasheet HTML 11Page - Integrated Circuit Systems ICS1524M Datasheet HTML 12Page - Integrated Circuit Systems ICS1524M Datasheet HTML 13Page - Integrated Circuit Systems ICS1524M Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ICS1524
10
ICS1524 Rev C 01/31/2003
Name:
Output Enable Register
Register:
6 h
Index:
Read / Write
Bit Name Bit # Reset Value Description
OE_Pck
0
0
Output Enable for DPACLK Outputs (PECL, Pins 21, 20 )
OE_Tck
1
0
Output Enable for DPACLK Output (SSTL_3 Pin 17)
OE_P2
2
0
Output Enable for CLK Outputs (PECL, Pins 23, 22)
OE_T2
3
0
Output Enable for CLK Output (SSTL_3, Pin 16)
OE_F
4
0
Output Enable for FUNC Output (SSTL_3, Pin 15)
Sel_1X
5
0
Select CLK Output Source (Pins 23, 22, 16)
Out_Scl
6-7
0
CLK Output Scaler (SSTL_3, Pin 16)
Bit
Name
Description
0
OE_Pck
Output Enable for DPACLK Outputs (PECL)
0 = High Z
1 = Enabled
1
OE_Tck
Output Enable for DPACLK Output (SSTL_3)
0 = High Z
1 = Enabled
2
OE_P2
Output Enable for CLK Outputs (PECL)
0 = High Z
1 = Enabled
3
OE_T2
Output Enable for CLK Output (SSTL_3)
0 = High Z
1 = Enabled
4
OE_F
Output Enable for FUNC Output (SSTL_3)
0 = High Z
1 = Enabled
5
Ck2_Inv
Select CLK Output Source (Pins 23, 22, 16)
0 = Half Speed DPA Delayed clock to CLK outputs
1 = Full Speed non-DPA Delayed clock to CLK outputs
6 -7
Out_Scl
Clock (CLK, pin 16) Scaler
7
t
i
B6
t
i
Br
e
d
i
v
i
D
K
L
C
00
1
01
2
10
4
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com