Electronic Components Datasheet Search
  English  ▼

X  

ICS1524M Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS1524M
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524M Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS1524M Datasheet HTML 7Page - Integrated Circuit Systems ICS1524M Datasheet HTML 8Page - Integrated Circuit Systems ICS1524M Datasheet HTML 9Page - Integrated Circuit Systems ICS1524M Datasheet HTML 10Page - Integrated Circuit Systems ICS1524M Datasheet HTML 11Page - Integrated Circuit Systems ICS1524M Datasheet HTML 12Page - Integrated Circuit Systems ICS1524M Datasheet HTML 13Page - Integrated Circuit Systems ICS1524M Datasheet HTML 14Page - Integrated Circuit Systems ICS1524M Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
ICS1524
ICS1524 Rev C 01/31/2003
Name:
Oscillator Divider Register
Register:
7h
Index:
Read / Write
Bit Name
Bit #
Reset Value
Description
Osc_Div 0-6
0-6
0
Osc Divider Modulus
In_Sel
7
1
Input Select
Bit
Name
Description
0 - 6
Osc_Div 0-6
Oscillator Divider Modulus.
Divides the input from OSC (pin 12) by the set modulus.
The modulus equals the programmed value, plus 2.
Therefore, the modulus range is from 3 to 129.
7
In_Sel
Input Select — Selects the input to the Phase/Frequency Detector
0 = HSYNC
1 = Osc Divider
Name:
RESET Register
Register:
8 h
Index:
Write
Bit Name
Bit #
Reset Value
Description
DPA Reset
0 -3
x
Writing xAh to this register resets DPA working register 5
PLL Reset
4 -7
x
Writing 5xh to this register resets PLL working registers 1-3
Bit
Name
Description
0 - 3
DPA
Writing xAh to this register resets DPA working register 5
4 -7
PLL
Writing 5xh to this register resets PLL working registers 1-3
e
u
l
a
Vs
t
e
s
e
R
A
xA
P
D
x
5L
L
P
A
5L
L
P
d
n
a
A
P
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com