Electronic Components Datasheet Search
  English  ▼

X  

S3C72P9 Datasheet(PDF) 64 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 64 Page - Samsung semiconductor

Back Button S3C72P9 Datasheet HTML 60Page - Samsung semiconductor S3C72P9 Datasheet HTML 61Page - Samsung semiconductor S3C72P9 Datasheet HTML 62Page - Samsung semiconductor S3C72P9 Datasheet HTML 63Page - Samsung semiconductor S3C72P9 Datasheet HTML 64Page - Samsung semiconductor S3C72P9 Datasheet HTML 65Page - Samsung semiconductor S3C72P9 Datasheet HTML 66Page - Samsung semiconductor S3C72P9 Datasheet HTML 67Page - Samsung semiconductor S3C72P9 Datasheet HTML 68Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 225 page
background image
MEMORY MAP
S3C72P9/P72P9 (Preliminary Spec)
4-14
IET0, IRQT0 — INTT0 Interrupt Enable/Request Flags
CPU
FBCH
Bit
3
2
1
0
Identifier
"0"
"0"
IET0
IRQT0
RESET
RESET Value
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
Bit Addressing
1/4
1/4
1/4
1/4
.3 – .2
Bits 3–2
0
Always logic zero
IET0
INTT0 Interrupt Enable Flag
0
Disable INTT0 interrupt requests
1
Enable INTT0 interrupt requests
IRQT0
INTT0 Interrupt Request Flag
–
Generate INTT0 interrupt (This bit is set and cleared automatically by
hardware when contents of TCNT0 and TREF0 registers match.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com