Electronic Components Datasheet Search
  English  ▼

X  

S3C72P9 Datasheet(PDF) 97 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 97 Page - Samsung semiconductor

Back Button S3C72P9 Datasheet HTML 93Page - Samsung semiconductor S3C72P9 Datasheet HTML 94Page - Samsung semiconductor S3C72P9 Datasheet HTML 95Page - Samsung semiconductor S3C72P9 Datasheet HTML 96Page - Samsung semiconductor S3C72P9 Datasheet HTML 97Page - Samsung semiconductor S3C72P9 Datasheet HTML 98Page - Samsung semiconductor S3C72P9 Datasheet HTML 99Page - Samsung semiconductor S3C72P9 Datasheet HTML 100Page - Samsung semiconductor S3C72P9 Datasheet HTML 101Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 225 page
background image
OSCILLATOR CIRCUITS
S3C72P9/P72P9 (Preliminary Spec)
6-4
POWER CONTROL REGISTER (PCON)
The power control register, PCON, is a 4-bit register that is used to select the CPU clock frequency and to control
CPU operating and power-down modes. PCON can be addressed directly by 4-bit write instructions or indirectly
by the instructions IDLE and STOP.
FB3H
PCON.3
PCON.2
PCON.1
PCON.0
PCON bits 3 and 2 are addressed by the STOP and IDLE instructions, respectively, to engage the idle and stop
power-down modes. Idle and stop modes can be initiated by these instruction despite the current value of the
enable memory bank flag (EMB). PCON bits 1 and 0 are used to select a specific system clock frequency. There
are two basic choices:
— Main system clock (fx) or subsystem clock (fxt);
— Divided fx/4, 8, 64 or fxt/4 clock frequency.
PCON.1 and PCON.0 settings are also connected with the system clock mode control register, SCMOD. If
SCMOD.0 = "0" the main system clock is always selected by the PCON.1 and PCON.0 setting; if SCMOD.0 =
"1" the subsystem clock is selected.
RESET sets PCON register values (and SCMOD) to logic zero: SCMOD.3 and SCMOD.0 select the main system
clock (fx) and start clock oscillation; PCON.1 and PCON.0 divide the selected fx frequency by 64, and PCON.3
and PCON.2 enable normal CPU operating mode.
Table 6-1. Power Control Register (PCON) Organization
PCON Bit Settings
Resulting CPU Operating Mode
PCON.3
PCON.2
0
0
Normal CPU operating mode
0
1
Idle power-down mode
1
0
Stop power-down mode
PCON Bit Settings
Resulting CPU Clock Frequency
PCON.1
PCON.0
If SCMOD.0 = "0"
If SCMOD.0 = "1"
0
0
fx/64
fxt/4
1
0
fx/8
1
1
fx/4
+
+ PROGRAMMING TIP — Setting the CPU Clock
To set the CPU clock to 0.95 µs at 4.19 MHz:
BITS
EMB
SMB
15
LD
A,#3H
LD
PCON,A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com