Electronic Components Datasheet Search
  English  ▼

X  

S3C72P9 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button S3C72P9 Datasheet HTML 13Page - Samsung semiconductor S3C72P9 Datasheet HTML 14Page - Samsung semiconductor S3C72P9 Datasheet HTML 15Page - Samsung semiconductor S3C72P9 Datasheet HTML 16Page - Samsung semiconductor S3C72P9 Datasheet HTML 17Page - Samsung semiconductor S3C72P9 Datasheet HTML 18Page - Samsung semiconductor S3C72P9 Datasheet HTML 19Page - Samsung semiconductor S3C72P9 Datasheet HTML 20Page - Samsung semiconductor S3C72P9 Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
ADDRESS SPACES
2-5
INSTRUCTION REFERENCE AREA
Using 1-byte REF instructions, you can easily reference instructions with larger byte sizes that are stored in ad-
dresses 0020H–007FH of program memory. This 96-byte area is called the REF instruction reference area, or
look-up table. Locations in the REF look-up table may contain two 1-byte instructions, one 2-byte instruction, or
one 3-byte instruction such as a JP (jump) or CALL. The starting address of the instruction you are referencing
must always be an even number. To reference a JP or CALL instruction, it must be written to the reference area
in a two-byte format: for JP, this format is TJP; for CALL, it is TCALL. In summary, there are three ways to the
REF instruction:
By using REF instructions you can execute instructions larger than one byte. In summary, there are three ways
you can use the REF instruction:
— Using the 1-byte REF instruction to execute one 2-byte or two 1-byte instructions,
— Branching to any location by referencing a branch instruction stored in the look-up table,
— Calling subroutines at any location by referencing a call instruction stored in the look-up table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com