Electronic Components Datasheet Search
  English  ▼

X  

S3C72P9 Datasheet(PDF) 32 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 32 Page - Samsung semiconductor

Back Button S3C72P9 Datasheet HTML 28Page - Samsung semiconductor S3C72P9 Datasheet HTML 29Page - Samsung semiconductor S3C72P9 Datasheet HTML 30Page - Samsung semiconductor S3C72P9 Datasheet HTML 31Page - Samsung semiconductor S3C72P9 Datasheet HTML 32Page - Samsung semiconductor S3C72P9 Datasheet HTML 33Page - Samsung semiconductor S3C72P9 Datasheet HTML 34Page - Samsung semiconductor S3C72P9 Datasheet HTML 35Page - Samsung semiconductor S3C72P9 Datasheet HTML 36Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 225 page
background image
ADDRESS SPACES
S3C72P9/P72P9 (Preliminary Spec)
2-20
INTERRUPT STATUS FLAGS (IS0, IS1)
PSW bits IS0 and IS1 contain the current interrupt execution status values. You can manipulate IS0 and IS1
flags directly using 1-bit RAM control instructions.
By manipulating interrupt status flags in conjunction with the interrupt priority register (IPR), you can process
multiple interrupts by anticipating the next interrupt in an execution sequence. The interrupt priority control circuit
determines the IS0 and IS1 settings in order to control multiple interrupt processing. When both interrupt status
flags are set to "0", all interrupts are allowed. The priority with which interrupts are processed is then determined
by the IPR.
When an interrupt occurs, IS0 and IS1 are pushed to the stack as part of the PSW and are automatically
incremented to the next higher priority level. Then, when the interrupt service routine ends with an IRET
instruction, IS0 and IS1 values are restored to the PSW. Table 2-6 shows the effects of IS0 and IS1 flag settings.
Table 2-6. Interrupt Status Flag Bit Settings
IS1
Value
IS0
Value
Status of Currently
Executing Process
Effect of IS0 and IS1 Settings
on Interrupt Request Control
0
0
0
All interrupt requests are serviced.
0
1
1
Only high-priority interrupt(s) as determined in the
interrupt priority register (IPR) are serviced.
1
0
2
No more interrupt requests are serviced.
1
1
–
Not applicable; these bit settings are undefined.
Since interrupt status flags can be addressed by write instructions, programs can exert direct control over inter-
rupt processing status. Before interrupt status flags can be addressed, however, you must first execute a DI in-
struction to inhibit additional interrupt routines. When the bit manipulation has been completed, execute an EI
instruction to re-enable interrupt processing.
+
+ PROGRAMMING TIP — Setting ISx Flags for Interrupt Processing
The following instruction sequence shows how to use the IS0 and IS1 flags to control interrupt processing:
INTB
DI
; Disable interrupt
BITR
IS1
; IS1
← 0
BITS
IS0
; Allow interrupts according to IPR priority level
EI
; Enable interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com