Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 24Page - Texas Instruments TUSB4041I Datasheet HTML 25Page - Texas Instruments TUSB4041I Datasheet HTML 26Page - Texas Instruments TUSB4041I Datasheet HTML 27Page - Texas Instruments TUSB4041I Datasheet HTML 28Page - Texas Instruments TUSB4041I Datasheet HTML 29Page - Texas Instruments TUSB4041I Datasheet HTML 30Page - Texas Instruments TUSB4041I Datasheet HTML 31Page - Texas Instruments TUSB4041I Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
VBUS
USB_DP_UP
USB_DM_UP
R5
1 M
TUSB4041I_PAP
U1A
USB_VBUS
16
USB_DP_UP
21
USB_DM_UP
22
FULLPWRMGMTZ/SMBA1
8
GANGED/SMBA2/HS_UP
10
C3
0.001 µF
R2
10 K
1%
0402
1%
R3
4.7 K
R4
4.7 K
C2
0.1 µF
C1
10 µF
+5V
DM
DP
GND
J1
Type B USB-Shield
3
1
2
4
5
6
R1
90.9 K
0402
1%
TUSB4041I
SLLSEK3A – JULY 2015 – REVISED SEPTEMBER 2015
www.ti.com
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 26.
Table 26. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VDD supply
1.1 V
VDD33 supply
3.3 V
Upstream port USB support (HS, FS)
HS, FS
Downstream port 1 USB support (HS, FS, LS)
HS, FS, LS
Downstream port 2 USB support (HS, FS, LS)
HS, FS, LS
Downstream port 3 USB support (HS, FS, LS)
HS, FS, LS
Downstream port 4 USB support (HS, FS, LS)
HS, FS, LS
Number of removable downstream ports
4
Number of non-removable downstream ports
0
Full power management of downstream ports
Yes (FULLPWRMGMTZ = 0)
Individual control of downstream port power switch
Yes (GANGED = 0)
Power switch enable polarity
Active high (PWRCTL_POL = 0)
Battery charge support for downstream port 1
Yes
Battery charge support for downstream port 2
Yes
Battery charge support for downstream port 3
Yes
Battery charge support for downstream port 4
Yes
I2C EEPROM support
No
24-MHz clock source
Crystal
9.2.2 Detailed Design Procedure
9.2.2.1 Upstream Port Implementation
Figure 26. Upstream Port Implementation
The upstream of the TUSB4041I device is connected to a USB2 Type B connector. This particular example has
GANGED pin and FULLPWRMGMTZ pin pulled low, which results in individual power support each downstream
port. The VBUS signal from the USB2 Type B connector is feed through a voltage divider. The purpose of the
voltage divider is to make sure the level meets USB_VBUS input requirements
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com