Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 8Page - Texas Instruments TUSB4041I Datasheet HTML 9Page - Texas Instruments TUSB4041I Datasheet HTML 10Page - Texas Instruments TUSB4041I Datasheet HTML 11Page - Texas Instruments TUSB4041I Datasheet HTML 12Page - Texas Instruments TUSB4041I Datasheet HTML 13Page - Texas Instruments TUSB4041I Datasheet HTML 14Page - Texas Instruments TUSB4041I Datasheet HTML 15Page - Texas Instruments TUSB4041I Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
TUSB4041I
SLLSEK3A – JULY 2015 – REVISED SEPTEMBER 2015
www.ti.com
8.3 Feature Description
8.3.1 Battery Charging Features
The TUSB4041I device provides support for USB battery charging. Battery charging support may be enabled on
a per port basis through the REG_6h(batEn[3:0]).
Battery charging support includes both CDP and DCP modes. The DCP mode is compliant with the Chinese
Telecommunications Industry Standard YD/T 1591-2009.
In addition to standard DCP mode, the TUSB4041I device provides a mode (AUTOMODE), which automatically
provides support for DCP devices and devices that support custom charging indication. When in AUTOMODE,
the port automatically switches between a divider mode and the DCP mode depending on the portable device
connected. The divided mode places a fixed DC voltage on the ports DP and DM signals, which allows some
devices to identify the capabilities of the charger. The default divider mode indicates support for up to 10 W. The
divider
mode
can
be
configured
to
report
a
legacy
current
setting
(up
to
5
W)
through
REG_Ah(HiCurAcpModeEn).
The battery charging mode for each port is dependent on the state of Reg_6h(batEn[n]), the status of the VBUS
input, and the state of REG_Ah(autoModeEnz) upstream port as identified in Table 1.
Table 1. TUSB4041I Battery Charging Modes
BC MODE PORT x
batEn[n]
VBUS
autoModeEnz
(x = n + 1)
0
Don’t care
Don’t care
Don’t Care
0
Automode(1)(2)
<4 V
1
1
DCP(3)(4)
>4 V
Don’t care
CDP(3)
(1)
Auto-mode automatically selects divider-mode or DCP mode.
(2)
Divider mode can be configured for legacy current mode through register settings.
(3)
Attached USB device is USB battery-charging specification revision 1.2 compliant
(4)
Chinese Telecommunications Industry Standard YD/T 1591-2009
8.3.2
USB Power Management
The TUSB4041I device can be configured for power-switched applications using either per-port or ganged
power-enable controls and overcurrent status inputs.
Power switch support is enabled by REG_5h(fullPwrMgmtz), and the per-port or ganged mode is configured by
REG_5h(ganged).
The TUSB4041I device supports both active-high and active-low power-enable controls. The PWRCTL[4:1]
polarity is configured by REG_Ah(pwrctlPol).
8.3.3 One-Time Programmable Configuration
The TUSB4041I device allows device configuration through one-time programmable (OTP) non-volatile memory.
The programming of the OTP is supported using vendor-defined USB device requests. Contact TI for details
using the OTP features
Table 2 lists features that can be configured using the OTP.
Table 2. OTP Configurable Features
CONFIGURATION REGISTER
BIT FIELD
DESCRIPTION
OFFSET
REG_01h
[7:0]
Vendor ID LSB
REG_02h
[7:0]
Vendor ID MSB
REG_03h
[7:0]
Product ID LSB
REG_04h
[7:0]
Product ID MSB
Port-removable configuration for downstream ports 1. OTP configuration is
REG_07h
[0]
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com