Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 6Page - Texas Instruments TUSB4041I Datasheet HTML 7Page - Texas Instruments TUSB4041I Datasheet HTML 8Page - Texas Instruments TUSB4041I Datasheet HTML 9Page - Texas Instruments TUSB4041I Datasheet HTML 10Page - Texas Instruments TUSB4041I Datasheet HTML 11Page - Texas Instruments TUSB4041I Datasheet HTML 12Page - Texas Instruments TUSB4041I Datasheet HTML 13Page - Texas Instruments TUSB4041I Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
td2
GRSTz
VDD33
VDD
MISC_IO
td1
tsu_io
thd_io
TUSB4041I
SLLSEK3A – JULY 2015 – REVISED SEPTEMBER 2015
www.ti.com
7.6 Power-Up Timing Requirements
MIN
NOM
MAX
UNIT
td1
VDD33 stable before VDD stable(1)
See (2)
ms
td2
VDD and VDD33 stable before deassertion of GRSTz
3
ms
tsu_io
Setup for MISC inputs(3) sampled at the deassertion of GRSTz
0.1
µs
thd_io
Hold for MISC inputs(3) sampled at the deassertion of GRSTz
0.1
µs
tVDD33_RAMP
VDD33 supply ramp requirements
0.2
100
ms
tVDD_RAMP
VDD supply ramp requirements
0.2
100
ms
(1)
An active reset is required if the VDD33 supply is stable before the VDD11 supply. This active Reset shall meet the 3ms power-up delay
counting from both power supplies being stable to the de-assertion of GRSTz.
(2)
The VDD33 and VDD have no power-on relationship unless GRSTz is only connected to a capacitor to GND. Then VDD must be stable
minimum of 10
μs before the VDD33.
(3)
MISC pins sampled at de-assertion of GRSTz: FULLPWRMGMTz, GANGED, PWRCTL_POL, SMBUSz, BATEN[4:1], and AUTOENz.
Figure 1. Power-Up Timing Requirements
7.7 Hub Input Supply Current
Typical values measured at TA = 25°C
VDD33
VDD
PARAMETER
UNIT
3.3 V
1.1 V
LOW POWER MODES
Power on (after reset)
2.3
28
mA
Upstream disconnect
2.3
28
mA
Suspend
2.5
33
mA
ACTIVE MODES (US STATE AND DS STATE)
2.0 host / 1 HS device
45
63
mA
2.0 host / 4 HS devices
76
86
mA
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com