Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I Datasheet(HTML) 3 Page - Texas Instruments

  TUSB4041I Datasheet HTML 1Page - Texas Instruments TUSB4041I Datasheet HTML 2Page - Texas Instruments TUSB4041I Datasheet HTML 3Page - Texas Instruments TUSB4041I Datasheet HTML 4Page - Texas Instruments TUSB4041I Datasheet HTML 5Page - Texas Instruments TUSB4041I Datasheet HTML 6Page - Texas Instruments TUSB4041I Datasheet HTML 7Page - Texas Instruments TUSB4041I Datasheet HTML 8Page - Texas Instruments TUSB4041I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
TUSB4041I
www.ti.com
SLLSEK3A – JULY 2015 – REVISED SEPTEMBER 2015
5 Description (continued)
The TUSB4041I device supports per-port or ganged power switching and overcurrent protection. The device also
supports battery charging applications.
An individually port-power-controlled hub switches power on or off to each downstream port as requested by the
USB host. Also when an individually port-power-controlled hub senses an overcurrent event, only power to the
affected downstream port is switched off.
A ganged hub switches on power to all of the downstream ports when power is required to be on for any port.
The power to the downstream ports is not switched off unless all ports are in a state that allows power to be
removed. Also, when a ganged hub senses an overcurrent event, power to all downstream ports are switched
off.
The TUSB4041I device downstream ports provide support for battery charging applications by providing USB
battery charging downstream-port (CDP) handshaking support. The device also supports a dedicated charging-
port (DCP) mode when the upstream port is not connected. The DCP mode is compliant with the USB battery
charging specification and Chinese Telecommunications Industry Standard YD/T 1591-2009. Also, an automatic
mode provides transparent support for BC devices and devices supporting divider-mode charging solutions when
the upstream port unconnected.
The TUSB4041I device provides pin-strap configuration for some features including battery charging support,
and also provides customization though OTP ROM, I2C EEPROM, or through an I2C and SMBus slave interface
for PID, VID, and custom port and phy configurations. Custom string support is also available when using an I
2C
EEPROM or the I2C and SMBus slave interface.
The device is available in a 64-pin PAP package and is offered in a industrial version for operation over the
temperature range of –40°C to 85°C.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com