Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I Datasheet(HTML) 4 Page - Texas Instruments

  TUSB4041I Datasheet HTML 1Page - Texas Instruments TUSB4041I Datasheet HTML 2Page - Texas Instruments TUSB4041I Datasheet HTML 3Page - Texas Instruments TUSB4041I Datasheet HTML 4Page - Texas Instruments TUSB4041I Datasheet HTML 5Page - Texas Instruments TUSB4041I Datasheet HTML 6Page - Texas Instruments TUSB4041I Datasheet HTML 7Page - Texas Instruments TUSB4041I Datasheet HTML 8Page - Texas Instruments TUSB4041I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
60
62
23
21
19
VDD
GRSTz
63
18
TEST
PWRCTL4/BATEN4
64
17
VDD
RSVD
RSVD
VDD33
61
20
USB_DP_UP
VDD
RSVD
USB_DM_UP
59
22
RSVD
RSVD
58
RSVD
57
24
USB_DM_DN4
VDD
56
25
USB_DP_DN4
RSVD
55
26
RSVD
RSVD
RSVD
54
27
VDD
NC
53
28
RSVD
XO
52
29
RSVD
XI
51
30
USB_DM_DN3
VDD33
50
31
USB_DP_DN3
USB_R1
49
32
1
48
2
47
3
46
4
45
5
44
6
43
16
33
15
34
14
35
13
36
12
37
11
38
10
39
7
42
8
41
9
40
TUSB4041I
SLLSEK3A – JULY 2015 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configuration and Functions
PAP Package
64-Pin HTQFP With PowerPAD™
Top View
NC = No internal connection
Pin Functions
PIN
I/O(1)
TYPE(1)
DESCRIPTION
NAME
NO.
CLOCK AND RESET SIGNALS
Global power reset. This reset brings all of the TUSB4041I device internal registers to
GRSTz
18
I
PU
the default state. When the GRSTz pin is asserted, the device is completely
nonfunctional.
Crystal input. This pin is the crystal input for the internal oscillator. The input may
XI
30
I
—
alternately be driven by the output of an external oscillator. When using a crystal, a 1-
M
Ω feedback resistor is required between the XI and XO pins.
(1)
I = Input, O = Output, I/O = Input/output, PU = Internal pullup resistor, PD = Internal pulldown resistor, and PWR = Power signal
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com