Electronic Components Datasheet Search
  English  ▼

X  

TUSB4041I Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I Datasheet(HTML) 1 Page - Texas Instruments

  TUSB4041I Datasheet HTML 1Page - Texas Instruments TUSB4041I Datasheet HTML 2Page - Texas Instruments TUSB4041I Datasheet HTML 3Page - Texas Instruments TUSB4041I Datasheet HTML 4Page - Texas Instruments TUSB4041I Datasheet HTML 5Page - Texas Instruments TUSB4041I Datasheet HTML 6Page - Texas Instruments TUSB4041I Datasheet HTML 7Page - Texas Instruments TUSB4041I Datasheet HTML 8Page - Texas Instruments TUSB4041I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
USB 2.0 Hub
USB 2.0 Port
USB 2.0 Connection
USB 1.x Connection
USB 2.0 Device
USB 1.1 Device
Personal
Computer
TUSB4041I
USB 1.1
Keyboard
Type A
Port
USB2
WebCAM
USB 1.1
Mouse
TI
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB4041I
SLLSEK3A – JULY 2015 – REVISED SEPTEMBER 2015
TUSB4041I Four-Port USB 2.0 Hub
1 Features
•
DM/DP Polarity Swap
•
Type C Compatible
1
•
Four Port USB 2.0 Hub
•
No Special Driver Requirements; Works
•
USB 2.0 Hub Features
Seamlessly on any Operating System With USB
–
Multi Transaction Translator (MTT) Hub: Four
Stack Support
Transaction Translators
•
64-Pin HTQFP Package (PAP)
–
Four Asynchronous Endpoint Buffers per
Transaction Translator
2 Applications
•
Supports USB Battery Charging
•
Computer Systems
–
CDP Mode (Upstream Port Connected)
•
Docking Stations
–
DCP Mode (Upstream Port Unconnected)
•
Monitors
–
DCP Mode Complies With Chinese
•
Set-Top Boxes
Telecommunications Industry Standard YD/T
1591-2009
3 Description
–
Supports D+ and D– Divider Mode
The TUSB4041I device is a four-port USB 2.0 hub.
•
Per Port or Ganged Power Switching and
The device provides USB high-speed or full-speed
Overcurrent Notification Inputs
connections on the upstream port. The device also
•
OTP ROM, Serial EEPROM or I2C and SMBus
provides USB high-speed, full-speed, or low-speed
connections on the downstream ports. When the
Slave Interface for Custom Configurations:
upstream
port
is
connected
to
an
electrical
–
VID and PID
environment that only supports high-speed, full-
–
Customizable Ports
speed, and low-speed connections, the USB high-
speed, full-speed and low-speed connectivity is
–
Manufacturer and Product Strings (not by OTP
enabled
on
the
downstream
ports.
When
the
ROM)
upstream
port
is
connected
to
an
electrical
–
Serial Number (not by OTP ROM)
environment that only supports full-speed or low-
•
Application Feature Selection Using Pin Selection
speed connections, the USB high-speed connectivity
or EEPROM, I2C, or SMBus Slave Interface
are disabled on the downstream ports.
•
Provides 128-Bit Universally Unique Identifier
Device Information(1)
(UUID)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Supports On-Board and In-System OTP and
TUSB4041I
HTQFP (64)
10.00 mm × 10.00 mm
EEPROM Programming Through the USB 2.0
Upstream Port
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Single Clock Input, 24-MHz Crystal or Oscillator
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB4041I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I TI-TUSB4041I Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
TUSB4041I TI2-TUSB4041I Datasheet
811Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
REVISED SEPTEMBER 2017
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com