Electronic Components Datasheet Search
  English  ▼

X  

PE43713 Datasheet(PDF) 14 Page - Peregrine Semiconductor

Part # PE43713
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43713 Datasheet(HTML) 14 Page - Peregrine Semiconductor

Back Button PE43713 Datasheet HTML 10Page - Peregrine Semiconductor PE43713 Datasheet HTML 11Page - Peregrine Semiconductor PE43713 Datasheet HTML 12Page - Peregrine Semiconductor PE43713 Datasheet HTML 13Page - Peregrine Semiconductor PE43713 Datasheet HTML 14Page - Peregrine Semiconductor PE43713 Datasheet HTML 15Page - Peregrine Semiconductor PE43713 Datasheet HTML 16Page - Peregrine Semiconductor PE43713 Datasheet HTML 17Page - Peregrine Semiconductor PE43713 Datasheet HTML 18Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
PE43713
UltraCMOS® RF Digital Step Attenuator
Page 14
DOC-49614-1 – (3/2015)
www.psemi.com
Figure 9 • Input Return Loss for 16 dB Attenuation Setting vs Temperature
Figure 10 • Output Return Loss for 16 dB Attenuation Setting vs Temperature
-40
-35
-30
-25
-20
-15
-10
-5
0
0123456
Frequency (GHz)
-40°C
25°C
85°C
105°C
-25
-20
-15
-10
-5
0
0123456
Frequency (GHz)
-40°C
25°C
85°C
105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com