Electronic Components Datasheet Search
  English  ▼

X  

PE43713 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE43713
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43713 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE43713 Datasheet HTML 1Page - Peregrine Semiconductor PE43713 Datasheet HTML 2Page - Peregrine Semiconductor PE43713 Datasheet HTML 3Page - Peregrine Semiconductor PE43713 Datasheet HTML 4Page - Peregrine Semiconductor PE43713 Datasheet HTML 5Page - Peregrine Semiconductor PE43713 Datasheet HTML 6Page - Peregrine Semiconductor PE43713 Datasheet HTML 7Page - Peregrine Semiconductor PE43713 Datasheet HTML 8Page - Peregrine Semiconductor PE43713 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
PE43713
UltraCMOS® RF Digital Step Attenuator
Page 4
DOC-49614-1 – (3/2015)
www.psemi.com
Electrical Specifications
Table 3 provides the PE43713 key electrical specifications at 25 °C, RF1 = RFIN, RF2 = RFOUT (ZS = ZL = 50Ω),
unless otherwise specified. Normal mode(1) is at VDD = 3.3V and VSS_EXT = 0V. Bypass mode
(2) is at V
DD = 3.4V
and VSS_EXT = –3.4V.
Table 3 • PE43713 Electrical Specifications
Parameter
Condition
Frequency
Min
Typ
Max
Unit
Operating frequency
9 kHz
6 GHz
As
shown
Attenuation range
0.25 dB step
0.5 dB step
1 dB step
0–31.75
0–31.50
0–31.00
dB
dB
dB
Insertion loss
9 kHz–1.0 GHz
1.0–2.2 GHz
2.2–4.0 GHz
4.0–6.0 GHz
1.3
1.6
1.95
2.45
1.5
1.85
2.4
2.8
dB
dB
dB
dB
Attenuation error
0.25 dB step
0–8 dB
9 kHz–2.2 GHz
±(0.20 + 1.5% of
attenuation setting)
dB
8.25–31.75 dB
9 kHz–2.2 GHz
±(0.20 + 2.0% of
attenuation setting)
dB
0–31.75 dB
>2.2–3.0 GHz
±(0.15 + 3.0% of
attenuation setting)
dB
0–31.75 dB
>3.0–4.0 GHz
±(0.25 + 3.5% of
attenuation setting)
dB
0.5 dB step
0–8 dB
9 kHz–2.2 GHz
±(0.20 + 1.5% of
attenuation setting)
dB
8.5–31.5 dB
9 kHz–2.2 GHz
±(0.20 + 2.0% of
attenuation setting)
dB
0–31.5 dB
>2.2–3.0 GHz
±(0.15 + 3.0% of
attenuation setting)
dB
0–31.5 dB
>3.0–5.0 GHz
±(0.25 + 5.0% of
attenuation setting)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com