Electronic Components Datasheet Search
  English  ▼

X  

PE43713 Datasheet(PDF) 21 Page - Peregrine Semiconductor

Part # PE43713
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43713 Datasheet(HTML) 21 Page - Peregrine Semiconductor

Back Button PE43713 Datasheet HTML 17Page - Peregrine Semiconductor PE43713 Datasheet HTML 18Page - Peregrine Semiconductor PE43713 Datasheet HTML 19Page - Peregrine Semiconductor PE43713 Datasheet HTML 20Page - Peregrine Semiconductor PE43713 Datasheet HTML 21Page - Peregrine Semiconductor PE43713 Datasheet HTML 22Page - Peregrine Semiconductor PE43713 Datasheet HTML 23Page - Peregrine Semiconductor PE43713 Datasheet HTML 24Page - Peregrine Semiconductor PE43713 Datasheet HTML 25Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
PE43713
UltraCMOS® RF Digital Step Attenuator
DOC-49614-1 – (3/2015)
Page 21
www.psemi.com
Figure 23 • 0.5 dB Step Attenuation vs Frequency(*)
Note: * Monotonicity is held so long as step attenuation does not cross below –0.5 dB.
Figure 24 • 0.5 dB Step, Actual vs Frequency
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
4
8
12
16
20
24
28
32
Attenuation Setting (dB)
1 GHz
2.2 GHz
3 GHz
4 GHz
5 GHz
0
5
10
15
20
25
30
35
0
4
8
121620242832
Ideal Attenuation (dB)
1 GHz
2.2 GHz
3 GHz
4 GHz
5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com